Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9521
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521 Datasheet(HTML) 1 Page - Intersil Corporation

  X9521 Datasheet HTML 1Page - Intersil Corporation X9521 Datasheet HTML 2Page - Intersil Corporation X9521 Datasheet HTML 3Page - Intersil Corporation X9521 Datasheet HTML 4Page - Intersil Corporation X9521 Datasheet HTML 5Page - Intersil Corporation X9521 Datasheet HTML 6Page - Intersil Corporation X9521 Datasheet HTML 7Page - Intersil Corporation X9521 Datasheet HTML 8Page - Intersil Corporation X9521 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
®
FN8207.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
©2000 Intersil Inc., Patents Pending. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9521
Dual DCP, EEPROM Memory
Fiber Channel/Gigabit Ethernet Laser
Diode Control for Fiber Optic Modules
FEATURES
• Two Digitally Controlled Potentiometers (DCP’s)
—100 Tap - 10k
Ω
—256 Tap - 100k
Ω
—Non-Volatile
—Write Protect Function
• 2kbit EEPROM Memory with Write Protect & Block
LockTM
• 2-Wire industry standard Serial Interface
—Complies to the Gigabit Interface Converter
(GBIC) specification
• Single Supply Operation
—2.7V to 5.5V
• Hot Pluggable
• 20 Ld TSSOP
DESCRIPTION
The X9521 combines two Digitally Controlled Potentiom-
eters (DCP’s), and integrated EEPROM with Block
LockTM protection. All functions of the X9521 are
accessed by an industry standard 2-Wire serial interface.
The DCP’s of the X9521 may be utilized to control the
bias and modulation currents of the laser diode in a Fiber
Optic module. The 2kbit integrated EEPROM may be
used to store module definition data.
The features of the X9521 are ideally suited to simplifying
the design of fiber optic modules which comply to the Gi-
gabit Interface Converter (GBIC) specification. The inte-
gration of these functions into one package significantly
reduces board area, cost and increases reliability of laser
diode modules.
BLOCK DIAGRAM
DATA
REGISTER
COMMAND
DECODE &
CONTROL
LOGIC
SDA
SCL
CONSTAT
REGISTER
PROTECT LOGIC
EEPROM
THRESHOLD
RESET LOGIC
4
2kbit
8
7 - BIT
NONVOLATILE
MEMORY
RH1
RW1
RL1
WIPER
REGISTER
RH2
RW2
RL2
COUNTER
WP
8 - BIT
NONVOLATILE
MEMORY
WIPER
REGISTER
COUNTER
ARRAY
Data Sheet
August 25, 2005


Similar Part No. - X9521

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
logo
Intersil Corporation
X9521V20I-A INTERSIL-X9521V20I-A Datasheet
360Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
logo
Renesas Technology Corp
X9521V20I-A RENESAS-X9521V20I-A Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
logo
Intersil Corporation
X9521V20I-B INTERSIL-X9521V20I-B Datasheet
360Kb / 24P
Dual DCP, EEPROM Memory
January 3, 2006
More results

Similar Description - X9521

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-53D5EMZ AVAGO-HFCT-53D5EMZ Datasheet
140Kb / 14P
1300 nm FP Laser 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com