Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 20 Page - Intersil Corporation

Part # X9521
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521 Datasheet(HTML) 20 Page - Intersil Corporation

Back Button X9521 Datasheet HTML 16Page - Intersil Corporation X9521 Datasheet HTML 17Page - Intersil Corporation X9521 Datasheet HTML 18Page - Intersil Corporation X9521 Datasheet HTML 19Page - Intersil Corporation X9521 Datasheet HTML 20Page - Intersil Corporation X9521 Datasheet HTML 21Page - Intersil Corporation X9521 Datasheet HTML 22Page - Intersil Corporation X9521 Datasheet HTML 23Page - Intersil Corporation X9521 Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
FN8207.1
August 25, 2005
POTENTIOMETER CHARACTERISTICS
Notes: 1. Power Rating between the wiper terminal RWX(n) and the end terminals RHX or RLX - for ANY tap position n, (x = 1,2).
Notes: 2.Absolute Linearity is utilized to determine actual wiper resistance versus, expected resistance = (Rwx(n)(actual) - Rwx(n)(expected)) = ±1
Ml Maximum (x = 1,2).
Notes: 3.Relative Linearity is a measure of the error in step size between taps = RWx(n + 1) - [Rwx(n) + Ml] = ±1 Ml (x = 0,1,2)
Notes: 4.1 Ml = Minimum Increment = RTOT / (Number of taps in DCP - 1).
Notes: 5.Typical values are for TA = 25°C and nominal supply voltage.
Notes: 6.This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
RTOL
End to End Resistance Tolerance
-20
+20
%
VRHx
RH Terminal Voltage (x = 1,2)
Vss
VCC
V
VRLx
RL Terminal Voltage (x = 1,2)
Vss
VCC
V
PR
Power Rating (1)(6)
10
mW
RTOTAL = 10kΩ (DCP1)
5mW
RTOTAL = 100kΩ (DCP2)
RW
DCP Wiper Resistance
200
400
Ω
IW = 1mA, VCC = 5 V,
VRHx = Vcc, VRLx = Vss
(x = 1,2).
400
1200
Ω
IW = 1mA, VCC = 2.7 V,
VRHx = Vcc, VRLx = Vss
(x = 1,2)
IW
Wiper Current (6)
4.4
mA
Noise
mV/
sqt(Hz)
RTOTAL = 10kΩ ( DCP1)
mV/
sqt(Hz)
RTOTAL = 100kΩ (DCP2)
Absolute Linearity (2)
-1
+1
MI(4)
Rw(n)(actual) - Rw(n)(expected)
Relative Linearity (3)
-1
+1
MI(4)
Rw(n + 1) - [Rw(n) + MI]
RTOTAL Temperature Coefficient
±300
ppm/°C
RTOTAL = 10kΩ (DCP1)
±300
ppm/°C
RTOTAL = 100kΩ (DCP2)
CH/CL/CW
Potentiometer Capacitances
10/10/25
pF
See Figure 21.
twcr
Wiper Response time (6)
200
µs
See Figure 25.
VTRIP
Vcc power-up DCP recall threshold
V
tPU
Vcc power-up DCP recall delay time (6)
25
50
75
ms
X9521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com