Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9521
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9521 Datasheet HTML 7Page - Intersil Corporation X9521 Datasheet HTML 8Page - Intersil Corporation X9521 Datasheet HTML 9Page - Intersil Corporation X9521 Datasheet HTML 10Page - Intersil Corporation X9521 Datasheet HTML 11Page - Intersil Corporation X9521 Datasheet HTML 12Page - Intersil Corporation X9521 Datasheet HTML 13Page - Intersil Corporation X9521 Datasheet HTML 14Page - Intersil Corporation X9521 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
FN8207.1
August 25, 2005
Random EEPROM Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master
must first perform a “dummy” write operation. The master
issues the START condition and the Slave Address Byte,
receives an ACKNOWLEDGE, then issues an Address
Byte. This “dummy” Write operation sets the address
pointer to the address from which to begin the random
EEPROM read operation.
After the X9521 acknowledges the receipt of the Address
Byte, the master immediately issues another START
condition and the Slave Address Byte with the R/W bit
set to one. This is followed by an ACKNOWLEDGE from
the X9521 and then by the eight bit word. The master ter-
minates the read operation by not responding with an
ACKNOWLEDGE and instead issuing a STOP condition
(Refer to Figure 15.).
A similar operation called “Set Current Address” also
exists. This operation is performed if a STOP is issued
instead of the second START shown in Figure 15. In this
case, the device sets the address pointer to that of the
Address Byte, and then goes into standby mode after the
STOP bit. All bus activity will be ignored until another
START is detected.
Sequential EEPROM Read
Sequential reads can be initiated as either a current
address read or random address read. The first Data
Byte is transmitted as with the other modes; however,
the master now responds with an ACKNOWLEDGE,
indicating it requires additional data. The X9521 contin-
ues to output a Data Byte for each ACKNOWLEDGE
received. The master terminates the read operation by
not responding with an ACKNOWLEDGE and instead
issuing a STOP condition.
The data output is sequential, with the data from
address n followed by the data from address n + 1. The
address counter for read operations increments through
the entire memory contents to be serially read during
one operation. At the end of the address space the
counter “rolls over” to address 00h and the device con-
tinues to output data for each ACKNOWLEDGE
received (Refer to Figure 16.).
0
Slave
Address
Address
Byte
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
Figure 15. Random EEPROM Address Read Sequence
0 1 0 0 0 0
1
1 0 1 0 0 0 0
READ Operation
WRITE Operation
“Dummy” Write
Data
(2)
S
t
o
p
Slave
Address
Data
(n)
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Data
(n - 1)
A
C
K
A
C
K
(n is any integer greater than 1)
Data
(1)
Figure 16. Sequential EEPROM Read Sequence
0 0 0
X9521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com