Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 12 Page - Intersil Corporation

Part # X9521
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button X9521 Datasheet HTML 8Page - Intersil Corporation X9521 Datasheet HTML 9Page - Intersil Corporation X9521 Datasheet HTML 10Page - Intersil Corporation X9521 Datasheet HTML 11Page - Intersil Corporation X9521 Datasheet HTML 12Page - Intersil Corporation X9521 Datasheet HTML 13Page - Intersil Corporation X9521 Datasheet HTML 14Page - Intersil Corporation X9521 Datasheet HTML 15Page - Intersil Corporation X9521 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
FN8207.1
August 25, 2005
CONTROL AND STATUS REGISTER
The Control and Status (CONSTAT) Register pro-
vides the user with a mechanism for changing and
reading the status of various parameters of the
X9521 (See Figure 17).
The CONSTAT register is a combination of both volatile
and nonvolatile bits. The nonvolatile bits of the CON-
STAT register retain their stored values even when Vcc
is powered down, then powered back up. The volatile
bits however, will always power-up to a known logic state
“0” (irrespective of their value at power-down).
A detailed description of the function of each of the CON-
STAT register bits follows:
WEL: Write Enable Latch (Volatile)
The WEL bit controls the Write Enable status of the
entire X9521 device. This bit must first be enabled before
ANY write operation (to DCPs, EEPROM memory array,
or the CONSTAT register). If the WEL bit is not first
enabled, then ANY proceeding (volatile or nonvolatile)
write operation to DCPs, EEPROM array, as well as the
CONSTAT register, is aborted and no ACKNOWLEDGE
is issued after a Data Byte.
The WEL bit is a volatile latch that powers up in the dis-
abled, LOW (0) state. The WEL bit is enabled / set by
writing 00000010 to the CONSTAT register. Once
enabled, the WEL bit remains set to “1” until either it is
reset to “0” (by writing 00000000 to the CONSTAT regis-
ter) or until the X9521 powers down, and then up again.
Writes to the WEL bit do not cause an internal high volt-
age write cycle. Therefore, the device is ready for
another operation immediately after a STOP condition is
executed in the CONSTAT Write command sequence
(See Figure 18).
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit controls the (CONSTAT) Register Write
Enable status of the X9521. Therefore, in order to write
to any of the bits of the CONSTAT Register (except
WEL), the RWEL bit must first be set to “1”. The RWEL
bit is a volatile bit that powers up in the disabled, LOW
(“0”) state.
It must be noted that the RWEL bit can only be set, once
the WEL bit has first been enabled (See "CONSTAT
Register Write Operation").
The RWEL bit will reset itself to the default “0” state, in
one of three cases:
—After a successful write operation to any bits of
the CONSTAT register has been completed (See
Figure 18).
—When the X9521 is powered down.
—When attempting to write to a Block Lock protected
region of the EEPROM memory (See "BL1, BL0: Block
Lock protection bits - (Nonvolatile)", below).
BL1, BL0: Block Lock protection bits - (Nonvolatile)
The Block Lock protection bits (BL1 and BL0) are
used to:
—Inhibit a write operation from being performed to cer-
tain addresses of the EEPROM memory array
—Inhibit a DCP write operation (changing the “wiper
position”).
Bit(s)
Description
CS7 - CS5
Always “0”(RESERVED)
BL1 - BL0
Sets the Block Lock partition
RWEL
Register Write Enable Latch bit
WEL
Write Enable Latch bit
CS0
Always “0” (RESERVED)
0
WEL
0
CS5
CS6
CS7
CS4
CS3
CS2
CS1
CS0
0
0
BL0
BL1
RWEL
Figure 17. CONSTAT Register Format
NV
NV
NOTE: Bits labelled NV are nonvolatile (See “CONTROL AND STATUS REGISTER”).
X9521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com