Electronic Components Datasheet Search
  English  ▼

X  

X9521 Datasheet(PDF) 13 Page - Intersil Corporation

Part # X9521
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button X9521 Datasheet HTML 9Page - Intersil Corporation X9521 Datasheet HTML 10Page - Intersil Corporation X9521 Datasheet HTML 11Page - Intersil Corporation X9521 Datasheet HTML 12Page - Intersil Corporation X9521 Datasheet HTML 13Page - Intersil Corporation X9521 Datasheet HTML 14Page - Intersil Corporation X9521 Datasheet HTML 15Page - Intersil Corporation X9521 Datasheet HTML 16Page - Intersil Corporation X9521 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
FN8207.1
August 25, 2005
The region of EEPROM memory which is protected /
locked is determined by the combination of the BL1 and
BL0 bits written to the CONSTAT register. It is possible
to lock the regions of EEPROM memory shown in the
table below:
If the user attempts to perform a write operation on a pro-
tected region of EEPROM memory, the operation is
aborted without changing any data in the array.
When the Block Lock bits of the CONSTAT register are
set to something other than BL1 = 0 and BL0 = 0, then
the “wiper position” of the DCPs cannot be changed - i.e.
DCP write operations cannot be conducted:
The factory default setting for these bits are BL1 = 0,
BL0 = 0.
IMPORTANT NOTE: If the Write Protect (WP) pin of the
X9521 is active (HIGH), then all nonvolatile write opera-
tions to both the EEPROM memory and DCPs are inhib-
ited, irrespective of the Block Lock bit settings (See "WP:
Write Protection Pin").
CONSTAT Register Write Operation
The CONSTAT register is accessed using the Slave
Address set to 1010010 (Refer to Figure 4.). Following
the Slave Address Byte, access to the CONSTAT regis-
ter requires an Address Byte which must be set to FFh.
Only one data byte is allowed to be written for each
CONSTAT register Write operation. The user must issue
a STOP, after sending this byte to the register, to initiate
the nonvolatile cycle that stores the BP1and BP0 bits.
The X9521 will not ACKNOWLEDGE any data bytes
written after the first byte is entered (Refer to Figure 18.).
When writing to the CONSTAT register, the bits CS7-
CS5 and CS0 must all be set to “0”. Writing any other bit
sequence to bits CS7-CS5 and CS0 of the CONSTAT
register is reserved.
Prior to writing to the CONSTAT register, the WEL and
RWEL bits must be set using a two step process, with
the whole sequence requiring 3 steps
—Write a 02H to the CONSTAT Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation preceded
by a START and ended with a STOP).
—Write a 06H to the CONSTAT Register to set the Reg-
ister Write Enable Latch (RWEL) AND the WEL bit.
This is also a volatile cycle. The zeros in the data byte
are required. (Operation preceded by a START and
ended with a STOP).
—Write a one byte value to the CONSTAT Register that
has all the bits set to the desired state. The CONSTAT
register can be represented as 000st010 in binary,
where st are the Block Lock Protection (BL1 and BL0)
bits. This operation is proceeded by a START and
ended with a STOP bit. Since this is a nonvolatile write
cycle, it will typically take 5ms to complete. The RWEL
bit is reset by this cycle and the sequence must be
repeated to change the nonvolatile bits again. If bit 2 is
set to ‘1’ in this third step (000s t110) then the RWEL
bit is set, but the BL1 and BL0 bits remain unchanged.
Writing a second byte to the control register is not
allowed. Doing so aborts the write operation and the
X9521 does not return an ACKNOWLEDGE.
BL1 BL0
Protected Addresses
(Size)
Partition of array
locked
0
0
None (Default)
None (Default)
0
1
C0h - FFh (64 bytes)
Upper 1/4
1
0
80h - FFh (128 bytes)
Upper 1/2
1
1
00h - FFh (256 bytes)
All
BL1
BL0
DCP Write Operation Permissible
0
0
YES (Default)
01
NO
10
NO
11
NO
S
T
A
R
T
1
010
01
0
R/W A
C
K
11
1
1
1
1
11
A
C
K
SCL
SDA
S
T
O
P
A
C
K
CS7 CS6 CS5 CS4 CS3 CS2 CS1 CS0
SLAVE ADDRESS BYTE
ADDRESS BYTE
CONSTAT REGISTER DATA IN
Figure 18. CONSTAT Register Write Command Sequence
X9521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com