Electronic Components Datasheet Search
  English  ▼

X  

BDX Datasheet(PDF) 36 Page - Bellnix Co.,Ltd.

Part # BDX
Description  Digital Control?팏on-Isolated POL DC-DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BDX Datasheet(HTML) 36 Page - Bellnix Co.,Ltd.

Back Button BDX Datasheet HTML 29Page - Bellnix Co.,Ltd. BDX Datasheet HTML 30Page - Bellnix Co.,Ltd. BDX Datasheet HTML 31Page - Bellnix Co.,Ltd. BDX Datasheet HTML 32Page - Bellnix Co.,Ltd. BDX Datasheet HTML 33Page - Bellnix Co.,Ltd. BDX Datasheet HTML 34Page - Bellnix Co.,Ltd. BDX Datasheet HTML 35Page - Bellnix Co.,Ltd. BDX Datasheet HTML 36Page - Bellnix Co.,Ltd. BDX Datasheet HTML 37Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Digital Control・
・
・
・Non-Isolated POL DC-DC Converter
BDX Series
36
Bellnix DC-DC Converter
BDD20190530_C02
13. Mounting requirements
The following conditions will apply to soldering temperature, time and storing before mounting.
Re-flow method
- Pre-heat temperature:
150 to 180°C, 120s max. (See the figure below)
- Peak temperature:
250°C max.
220°C or over, 60s max.
- BDX12-1.0S100RM Re-flow count:
Once
After mounting the converter onto a board, reflow can not be made again by turning over the
mounted boards.
- BDX12-1.0S50R0S Re-flow count:
Twice
Refrain from giving vibrations during reflow, for it may cause converter components to move.
Flow mounting is not possible for the product.
180°C
150°C
60 to 120s
60s max.
220°C
Peak 250°C max.
Time
13-1 Storage before mounting
Humidity control level for the product is JEDEC MSL3.
If a dry pack is opened, store at an ambience below 30°C/60%R.H.
If the product is kept in an unopened package for one year or kept in an opened dry package at an ambience
below 30°C/60%R.H. for more than 168 hours, baking (125°C±5°C/24h) is required before reflow process.
After mounting the product, handle it in accordance with the storage requirements.
14. Vibration and Shock Testing
Vibration: 5 to 10Hz, Total amplitude 10mm, 10 to 55Hz,
Acceleration 2G (One hour for each of the three
directions)
Shock: Acceleration 20G (three times for each of the three directions), Shock time 11 ± 5ms
15. Cleaning
The product is not for immersible cleaning. Use of no-clean flux is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com