Electronic Components Datasheet Search
  English  ▼

X  

BDX Datasheet(PDF) 21 Page - Bellnix Co.,Ltd.

Part # BDX
Description  Digital Control?팏on-Isolated POL DC-DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BDX Datasheet(HTML) 21 Page - Bellnix Co.,Ltd.

Back Button BDX Datasheet HTML 17Page - Bellnix Co.,Ltd. BDX Datasheet HTML 18Page - Bellnix Co.,Ltd. BDX Datasheet HTML 19Page - Bellnix Co.,Ltd. BDX Datasheet HTML 20Page - Bellnix Co.,Ltd. BDX Datasheet HTML 21Page - Bellnix Co.,Ltd. BDX Datasheet HTML 22Page - Bellnix Co.,Ltd. BDX Datasheet HTML 23Page - Bellnix Co.,Ltd. BDX Datasheet HTML 24Page - Bellnix Co.,Ltd. BDX Datasheet HTML 25Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Digital Control・
・
・
・Non-Isolated POL DC-DC Converter
BDX Series
21
Bellnix DC-DC Converter
BDD20190530_C02
Turn-on Delay
Turn-on Rise
Turn-off Delay
Turn-off Fall
Turn-on delay is a period from when the ON command is issued by the ON/OFF control (via the ON/OFF1
pin or PMBus communication) until output voltage begins increasing. (See the figure below).
Turn-off delay is a period from when the OFF command is issued by the ON/OFF control (via the ON/OFF1
pin or PMBus communication) until output voltage begins decreasing. (See the figure below).
Turn-on Rise and Turn-off Fall are not retained when the output voltage setting is changed. Please reset
Turn-on Rise and Turn-off Fall after changing the output voltage setting.
Turn-on
delay
delay
ON
OFF
Output
voltage
ON/OFF
Control
signal
rise
Turn-on
Turn-off
0V
Turn-off
fall
There is a delay of 25ms typ. until the turn-on sequence begins after the input. (See the figure below).
Each setting of the sequence features can be configured via PMBus communication. However, turn-on rise
may differ from the preset time depending on load capacity.
0V
Output
voltage
Input
voltage
ON
OFF
ON/OFF
Control
signal
0V
25ms typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com