Electronic Components Datasheet Search
  English  ▼

X  

BDX Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # BDX
Description  Digital Control?팏on-Isolated POL DC-DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BDX Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  BDX Datasheet HTML 1Page - Bellnix Co.,Ltd. BDX Datasheet HTML 2Page - Bellnix Co.,Ltd. BDX Datasheet HTML 3Page - Bellnix Co.,Ltd. BDX Datasheet HTML 4Page - Bellnix Co.,Ltd. BDX Datasheet HTML 5Page - Bellnix Co.,Ltd. BDX Datasheet HTML 6Page - Bellnix Co.,Ltd. BDX Datasheet HTML 7Page - Bellnix Co.,Ltd. BDX Datasheet HTML 8Page - Bellnix Co.,Ltd. BDX Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Digital Control・
・
・
・Non-Isolated POL DC-DC Converter
BDX Series
2
Bellnix DC-DC Converter
BDD20190530_C02
1. Scope
These specifications shall apply to the non-isolated type DC-DC converter, BDX12-1.0S100RM and
BDX12-1.0S50R0S.
2. Model/Rating
Model Name
Rated input voltage
Rated output
Shape
Remarks
BDX12-1.0S100RM
*1
DC 12.0V
DC 1.0V, 100A
SMD
BDX12-1.0S50R0S
*2
DC 12.0V
DC 1.0V, +50A
*3
SMD
Total output current
350A max.
*4
Unless otherwise mentioned in the specifications, input shall be rated input, output shall be rated output
and ambient temperature shall be 25°C±5°C.
*1
Operates as a single unit. When connecting in parallel, it becomes the master unit.
*2
It is a slave unit for parallel operation or dual output operation along with BDX12-1.0S100RM. Does not operate as
a single unit.
*3
By connecting in parallel with BDX12-1.0S100RM, total output current can be added by 50A per
BDX12-1.0S50R0S.
*4
When using parallel and dual output operation together, the maximum configuration will be VOUT1:
300A max., VOUT2: 50A max. For details, refer to section 7-3 and “BDX series Parallel, Dual output
operation Application Note”.
3. Environmental conditions
3-1 Temperature range
In operation
−40°C to +85°C (Derating required)
In storage
−40°C to +85°C
3-2 Humidity range
In operation
20 to 95%R.H. (However, max. wet bulb temperature 69°C, no condensation)
In storage
20 to 95%R.H. (However, max. wet bulb temperature 69°C, no condensation)
Note) Store in a place below 30°C/60% R.H. before mounting.
4. Specifications & Standards
The product is RoHS compliant.
4-1 Input characteristics
Item
Specifications & Standards
Conditions
Input voltage
8.0 to 14.0V (Rating 12.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com