Electronic Components Datasheet Search
  English  ▼

X  

BDX Datasheet(PDF) 16 Page - Bellnix Co.,Ltd.

Part # BDX
Description  Digital Control?팏on-Isolated POL DC-DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BDX Datasheet(HTML) 16 Page - Bellnix Co.,Ltd.

Back Button BDX Datasheet HTML 12Page - Bellnix Co.,Ltd. BDX Datasheet HTML 13Page - Bellnix Co.,Ltd. BDX Datasheet HTML 14Page - Bellnix Co.,Ltd. BDX Datasheet HTML 15Page - Bellnix Co.,Ltd. BDX Datasheet HTML 16Page - Bellnix Co.,Ltd. BDX Datasheet HTML 17Page - Bellnix Co.,Ltd. BDX Datasheet HTML 18Page - Bellnix Co.,Ltd. BDX Datasheet HTML 19Page - Bellnix Co.,Ltd. BDX Datasheet HTML 20Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Digital Control・
・
・
・Non-Isolated POL DC-DC Converter
BDX Series
16
Bellnix DC-DC Converter
BDD20190530_C02
7-3 BDX12-1.0S50R0S
Dual output operation
ON/OFF2
Load1
Vin
Cref1:2.2uF(2012 size Multi-layer ceramic capacitor
)
Cref2:0.1uF(1005 size Multi-layer ceramic capacitor
)
Rsa: Address setting resistor
Rcon: Configuration ID setting resistor
Ronoff1:10Ω
Conoff1:0.1uF(1005 size Multi-layer ceramic
capacitor)
VIN
PGND
VOUT
+SENSE 1
-SENSE 1
Cin1
Cout1
Cin1:22uF(3225 size Multi-layer ceramic capacitor
)×4,
10uF(3216 size Multi-layer ceramic capacitor
)×4
Cin2:22uF(3225 size Multi-layer ceramic capacitor
)×4,
10uF(3216 size Multi-layer ceramic capacitor
)×8
Cout1:100uF(3216 size Multi-layer ceramic capacitor
)×8,
47uF(2012 size Multi-layer ceramic capacitor
)×8
Cout2:100uF(3216 size Multi-layer ceramic capacitor
)×4,
47uF (2012 size Multi-layer ceramic capacitor
)×16,
1000uF(7343 size Conductive polymer capacitor
)×1
BDX12-1.0S100RM
series
7,16
8,9,14,15
10,11,12,13
37
38
+SENSE 2
-SENSE 2
35
36
SDA
SCL
SALRT
AVS_SDA
AVS_MDA
AVS_VDDIO
AVS_CLK
SGND
SA
CONFIG
32
33
24
31
25
26
22
23
6
34
PWM2
PWM3
PWM4
PWM5
PWM6
IMON2
IMON3
IMON4
IMON5
IMON6
REFIN
TMON1
TMON2
P-Good 1
P-Good 2
ON/OFF1
SW1
Rsa
Rcon
Ronoff1
Conoff1
17
20
5
18
3
1
40
30
28
27
19
4
2
21
41
39
29
VIN
PGND
VOUT
BDX12-1.0S50R0S
2,14
1,3,4,5,6,7,9,10,11,12,13,15
8
PWM
FAULT
REFIN
IMON
TMON
17
19
16
20
18
Cref2
Cout2
Cin2
VOUT1
Load2
VOUT2
Cref1
SW2
Ronoff2
Conoff2
SW1(VOUT1 ON/OFF control)
Open: Output ON
Short: Output OFF
SW1(VOUT2 ON/OFF control)
Open: Output ON
Short: Output OFF
Note 1: Make sure to connect the +SENSEx and -SENSEx pins to the converter.
Note 2: The SENSE line (the line from +SENSEx, -SENSEx pin to the both sides of Coutx) is related to the
feedback loop. Since the SENSE line is sensitive to noise, do not route the wiring long as much as
possible and wire it in parallel.
Note 3: When wiring between SWx and the converter is extended and connected, overshoot and
undershoot may occur on the ON/OFFx pin. In that case, please connect SWx via RC filter
(reference value: Ronoffx = 10 Ω, Conoffx = 0.1 μF).
Note 4:
The default setting is set for single operation, so when dual output operation is required, setting
writing by serial communication is necessary. Please refer to “BDX series Parallel, Dual output
operation Application Note” for details about parallel operation, such as setting writing and using
along with parallel operation.
Note 5: IMON-REFIN line (the line from IMONx and REFIN pin of BDX-1.0S100RM to IMON and REFIN pin
of BDX12-1.0S50R0S) is strongly related to the feedback loop and current monitor accuracy. Since
the IMON-REFIN line is sensitive to noise, do not route the wiring long as much as possible and
wire it in parallel.
Please refer to the layout commentary in "BDX series Evaluation Board User Manual" for handling
the IMON-REFIN line.
Note 6: Current signal reference voltage of 1.25V typ. is supplied to the REFIN line (the line from REFIN pin
of BDX12-1.0S100RM to REFIN pin of BDX12-1.0S50R0S) from BDX12-1.0S100RM, and it is
strongly related to current monitor accuracy. Since the REFIN line is sensitive to noise, insert a
capacitor between REFIN and GND of Cref1 = 2.2uF on BDX12-1.0S100RM side and Cref2 =
0.1uF on BDX12-1.0S50R0S side. Also, make sure to keep the capacitance 20uF or less between
REFIN and GND.
Note 7: At the PWM line (the line from PWMx pin of BDX12-1.0S100RM to PWM pin of BDX12-1.0S50R0S)
a square wave of 0⇔3.3V typ., 500kHz typ. is transmitted. Be careful not to bring PWM line close to
SENSE line, IMON - REFIN line, and to other noise sensitive lines.
Also, be careful that the PWM line does not exceed 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com