Electronic Components Datasheet Search
  English  ▼

X  

BDX Datasheet(PDF) 1 Page - Bellnix Co.,Ltd.

Part # BDX
Description  Digital Control?팏on-Isolated POL DC-DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BDX Datasheet(HTML) 1 Page - Bellnix Co.,Ltd.

  BDX Datasheet HTML 1Page - Bellnix Co.,Ltd. BDX Datasheet HTML 2Page - Bellnix Co.,Ltd. BDX Datasheet HTML 3Page - Bellnix Co.,Ltd. BDX Datasheet HTML 4Page - Bellnix Co.,Ltd. BDX Datasheet HTML 5Page - Bellnix Co.,Ltd. BDX Datasheet HTML 6Page - Bellnix Co.,Ltd. BDX Datasheet HTML 7Page - Bellnix Co.,Ltd. BDX Datasheet HTML 8Page - Bellnix Co.,Ltd. BDX Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Digital Control・
・
・
・Non-Isolated POL DC-DC Converter
BDX Series
1
Bellnix DC-DC Converter
BDD20190530_C02
This product is a step down DC-DC converter that has a feature to change settings
such as output voltage, turn-on sequence and turn-off sequence via serial
communication (PMBus/AVSBus) during operation. Furthermore, the product is
equipped with digital control feature achieving high output voltage accuracy and ultra
high-speed response.
■ Features
・Output Voltage Accuracy ±0.5%
・Settings can be changed and monitored
during operation via serial communication
・Ultra High-Speed Response
(PMBus,AVSBus)
・Small foot print, high power density
・Turn-on and turn-off sequences can be configured
・High-speed serial communication via AVSBus
(via PMBus)
・Overcurrent protection
・High reliability, High performance
・Under Voltage Lock Out
・SMD package
・ON/OFF Control
・Non-Isolated Converter
・Adjustable Output Voltage
・Operating temperature −40ºC to +85ºC
(via PMBus/AVSBus)
(Temperature derating required)
・Output Overvoltage Protection
・RoHS compliant
■ Rating
Table 1
※1
Models
BDP Series
Input V
Vdc
Output V
Vdc
Output I
A
Line Reg.
%(typ.)
Load Reg.
%(typ.)
゙ Noise
mVpp(typ.)
Efficiency
%(typ.)
BDX12-1.0S100RM
※4
12V
(8.0 to 14.0)
1.0
(0.5 to 1.2)
0 to 100
※3
0.2
0.2
20
※2
89
(Io=50%)
BDX12-1.0S50R0S
※5
12V
(8.0 to 14.0)
1.0
(0.5 to 1.2)
+50A
※3 ※6
0.2
0.2
20
※2
89
※7
(Io=50%)
※1 : Unless otherwise specified, the product is measured at input voltage 12V, output voltage 1.0V, output current 100%, ambient
temperature 25℃±5℃.
※2 : BW=20MHz.
※3 : Depending on ambient temperature, temperature derating and forced air cooling may be required.
※4: It is possible to operate by itself. When connecting in parallel, it becomes the master unit.
※5: It is a slave unit for parallel operation or dual output operation along with BDX12-1.0S100RM. Does not operate as a single unit.
※6:
By connecting in parallel with BDX12-1.0S100RM, total output current can be added by 50A per BDX12-1.0S50R0S (total
output current 350 A max.)
※7:
When 1 unit of BDX12-1.0S50R0S is used in parallel operation.
■ Specification
Table 2
BDX12-1.0S100RM
BDX12-1.0S50R0S
Input voltage range
Refer to Table 1
Rated input voltage
12V
12V
Rated output voltage
1.0V
1.0V
Default preset output voltage
1.0V
1.0V
Adjustable output voltage range
Refer to Table 1
Output voltage accuracy
±0.5%
±0.5%
Line regulation
Refer to Table 1 (Rated output, Input voltage varying in the range of Table 1)
Load regulation
Refer to Table 1 (Rated I/O voltage, output current varying from 0 to 100%)
Ripple noise
Refer to Table 1 (Rated input/output, measurement frequency bandwidth 20MHz)
Efficiency
Refer to Table 1 (Rated input, output current
50%)
Refer to Table 1 (Rated input, output current 50%,
when 1unit used)
Overcurrent protection
Yes
Under voltage lock out
Yes
Output overvoltage protection
Yes
Remote ON/OFF
Yes
P-Good signal
Yes
Remote sensing
Yes
Operating temperature range
−40ºC to +85ºC (Refer to temperature derating described separately)
Storage temperature range
−40ºC to +85ºC
Humidity
20 to 95%R.H. (Max. wet bulb temperature 69°C with no condensation)
Storage condition
Below 30°C /60% R.H before mounting
Cooling condition
Refer to temperature derating described separately
Weight
9.46g typ.
2.85g typ.
Outer dimensions
W=32.8 L=23.0 H=7.0(mm)
(Refer to outer
dimensions described separately)
W=16.5 L=27.0 H=3.95(mm) (Refer to outer
dimensions described separately)
*
The above specifications are provided with rated value, unless otherwise specified.
*
The contents provided in this datasheet may be changed at any time without prior notice.


Similar Part No. - BDX

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDX10 SEME-LAB-BDX10 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BDX11 SEME-LAB-BDX11 Datasheet
12Kb / 1P
Bipolar NPN Device
BDX12 SEME-LAB-BDX12 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BDX13 SEME-LAB-BDX13 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
BDX14 SEME-LAB-BDX14 Datasheet
15Kb / 2P
PNP SILICON TRANSISTOR, EPITAXIAL BASE
More results

Similar Description - BDX

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
CUI INC
NDM1-12 CUI-NDM1-12 Datasheet
250Kb / 4P
DIGITAL DC-DC POL CONVERTER
NDM1-25 CUI-NDM1-25 Datasheet
286Kb / 4P
DIGITAL DC-DC POL CONVERTER
NDM2Z-25 CUI-NDM2Z-25 Datasheet
1Mb / 32P
AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
NDM2Z-50 CUI-NDM2Z-50 Datasheet
1Mb / 32P
AUTO COMPENSATED, DIGITAL DC-DC POL CONVERTER
logo
Murata Power Solutions ...
OKDH-T MURATA-PS-OKDH-T Datasheet
1Mb / 38P
40A Digital PoL DC-DC Converter Series
OKDX-T MURATA-PS-OKDX-T Datasheet
1Mb / 38P
40A Digital PoL DC-DC Converter Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com