Electronic Components Datasheet Search
  English  ▼

X  

BDX Datasheet(PDF) 13 Page - Bellnix Co.,Ltd.

Part # BDX
Description  Digital Control?팏on-Isolated POL DC-DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BDX Datasheet(HTML) 13 Page - Bellnix Co.,Ltd.

Back Button BDX Datasheet HTML 9Page - Bellnix Co.,Ltd. BDX Datasheet HTML 10Page - Bellnix Co.,Ltd. BDX Datasheet HTML 11Page - Bellnix Co.,Ltd. BDX Datasheet HTML 12Page - Bellnix Co.,Ltd. BDX Datasheet HTML 13Page - Bellnix Co.,Ltd. BDX Datasheet HTML 14Page - Bellnix Co.,Ltd. BDX Datasheet HTML 15Page - Bellnix Co.,Ltd. BDX Datasheet HTML 16Page - Bellnix Co.,Ltd. BDX Datasheet HTML 17Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Digital Control・
・
・
・Non-Isolated POL DC-DC Converter
BDX Series
13
Bellnix DC-DC Converter
BDD20190530_C02
6-6 BDX12-1.0S50R0S Description of pins
Pin
Name
Function
2,14
VIN
Voltage input pin
3,7,9,13
PGND
Power ground pin
8
VOUT
Voltage output pin
16
PWM
PWM input pin
17
FAULT
FAULT signal output pin
18
REFIN
Current signal reference voltage input pin *1
19
IMON
Current signal output pin *1
20
TMON
Temperature signal output pin
4,5,6,10,11,12
GND
Ground for heat dissipation
1,15
GND
Fixed pin (Connected to GND inside the converter.)
*1 Particular attention is required since these pins are related to the feedback loop. Make sure to refer to
section 7 and the layout commentary in “BDX series Evaluation Board User Manual”.
6-7 Lot indication
7 1
7 D 2
Production code for manufacture control(may not be indicated)
Manufacturing month (Jan to Sep=1 to 9, Oct=O, Nov=N, Dec=D)
Manufacturing year (the last digit of A.D.)
(Manufactured in January 2017)
(Manufactured in December 2017)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com