Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7877 Datasheet HTML 35Page - Analog Devices AD7877 Datasheet HTML 36Page - Analog Devices AD7877 Datasheet HTML 37Page - Analog Devices AD7877 Datasheet HTML 38Page - Analog Devices AD7877 Datasheet HTML 39Page - Analog Devices AD7877 Datasheet HTML 40Page - Analog Devices AD7877 Datasheet HTML 41Page - Analog Devices AD7877 Datasheet HTML 42Page - Analog Devices AD7877 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD7877
Rev. A | Page 39 of 44
Register Name: DAC Register
Write Address: 1110; Read Address: 01110; Default Value: 0x000.
Table 21.
Bit
Name
Read/
Write
Description
0
RANGE
R/W
Output range of the DAC in voltage mode
0 = 0 to VCC/2
1 = 0 to VCC
1
Not Used
R/W
This bit is not used.
2
V/I
R/W
Voltage output and current output
0 = Voltage
1 = Current
3
PD
R/W
DAC power-down
0 = DAC on
1 = DAC powered down
4
DAC0
LSB of DAC data
5
DAC1
Bit 1 of DAC data
6
DAC2
Bit 2 of DAC data
7
DAC3
Bit 3 of DAC data
8
DAC4
Bit 4 of DAC data
9
DAC5
Bit 5 of DAC data
10
DAC6
Bit 6 of DAC data
11
DAC7
MSB of DAC data
Register Name: Y Position
Write Address: N/A; Read Address: 10000; Default Value: 0x000; Type: Read Only.
This register contains the 12-bit result of the measurement at the X+ input with Y layer excited (Y position measurement).
Register Name: X Position
Write Address: N/A; Read Address: 10001; Default Value: 0x000; Type: Read Only.
This register contains the 12-bit result of the measurement at the Y+ input with X layer excited (X position measurement).
Register Name: Z2
Write Address: N/A; Read Address: 10010; Default Value: 0x000; Type: Read Only.
This register contains the 12-bit result of the measurement at the Y− input with excitation voltage applied to Y+ and X− (used for touch-
pressure calculation).
Register Name: AUX1
Write Address: N/A; Read Address: 10011; Default Value: 0x000; Type: Read Only.
This register continues the 12-bit result of the measurement at Auxiliary Input 1.
Register Name: AUX2
Write Address: N/A; Read Address: 10100; Default Value: 0x000; Type: Read Only.
This register continues the 12-bit result of the measurement at Auxiliary Input 2.
Register Name: AUX3
Write Address: N/A; Read Address: 10101; Default Value: 0x000; Type: Read Only.
This register continues the 12-bit result of the measurement at Auxiliary Input 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com