Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7877 Datasheet HTML 14Page - Analog Devices AD7877 Datasheet HTML 15Page - Analog Devices AD7877 Datasheet HTML 16Page - Analog Devices AD7877 Datasheet HTML 17Page - Analog Devices AD7877 Datasheet HTML 18Page - Analog Devices AD7877 Datasheet HTML 19Page - Analog Devices AD7877 Datasheet HTML 20Page - Analog Devices AD7877 Datasheet HTML 21Page - Analog Devices AD7877 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD7877
Rev. A | Page 18 of 44
TEMP1
TEMP2
MUX
ADC
I
VBE
105
× I
Figure 32. Block Diagram of Temperature Measurement Circuit
Temperature Calculations
If an explicit temperature reading in °C is required, then this
can be calculated as follows for the single measurement
method:
1.
Calculate the scale factor of the ADC in degrees per LSB:
Degrees per LSB = ADC LSB size/−2.1 mV =
VREF/4096)/−2.1 mV
2.
Save the ADC output
DCAL at the calibration temperature
TCAL.
3.
Take ADC reading
DAMB at temperature to be measured
TAMB.
4.
Calculate the difference in degrees between
TCAL and TAMB
using
∆
T = (DAMB − DCAL) × degrees per LSB
5.
Add ∆
T to TCAL.
Example:
The internal 2.5 V reference is used.
1.
Degrees per LSB = (2.5/4096)/−2.1 × 10−3 = −0.291.
2.
The ADC output is 983 decimal at 25°C, equivalent to a
diode forward voltage of 0.6 V.
3.
The ADC output at
TAMB is 880.
4.
∆
T = (880 − 983) × −0.291 = 30°.
5.
TAMB = 25 + 30 = 55°C.
To calculate the temperature explicitly using the differential
method:
1.
Calculate the LSB size of the ADC in V:
LSB = VREF/4096
2.
Subtract
TEMP1 from TEMP2 and multiply by LSB size to
get ∆
VBE.
3.
Multiply by 2490 and subtract 273 to get the temperature
in °C.
Example:
The internal 2.5 V reference is used.
1.
LSB size = 2.5 V/4096 = 6.1 × 10−4 V (610 µV).
2.
TEMP1 = 880 and TEMP2 = 1103:
∆
VBE = (1103 − 880) × 6.1× 10−4 = 0.136 V
3.
T = 0.136 × 2490 − 273 = 65°C.
BATTERY MEASUREMENT
The AD7877 can monitor battery voltages from 0.5 V to 5 V on
two inputs, BAT1 and BAT2. Figure 33 shows a block diagram
of a battery voltage monitored through the BAT1 pin. The
voltage to the VCC pin of the AD7877 is maintained at the
desired supply voltage via the dc/dc regulator while the input to
the regulator is monitored. This voltage on BAT1 is divided
down by 2 internally, so that a 5 V battery voltage is presented to
the ADC as 2.5 V. To conserve power, the divider circuit is on
only during the sampling of a voltage on BAT1. The BAT2 input
circuitry is identical.
The BAT1 input is ADC Channel 0110b and the result is stored
in Register 10110b. The BAT2 input is ADC Channel 0111b and
the result is stored in Register 10111b.
ADC
0.25V–2.5V
SW
BAT1
VCC
VREF
5k
Ω
5k
Ω
DC-DC
CONVERTER
BATTERY
0.5V TO 5V
Figure 33. Block Diagram of Battery Measurement Circuit
Figure 33 shows the ADC using the internal reference of 2.5 V.
If a different reference voltage is used, then the maximum
battery voltage that the AD7877 can measure changes. The
maximum voltage measurable is VREF × 2, because this voltage
gives a full-scale output from the ADC. If a smaller reference is
used, such as 2 V, then the maximum battery voltage measurable
is 4 V. If a larger reference is used, such as 3.5 V, then the
maximum battery voltage measurable is 7 V. The internal
reference is particularly suited for use when measuring Li-Ion
batteries, where the minimum voltage is about 2.7 V and the
maximum is about 4.2 V. A proper choice of external reference
ensures that other voltage ranges can be accommodated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com