| Electronic Components Datasheet Search |
|
AD7877 Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7877 Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 44 page ![]() AD7877 Rev. A | Page 24 of 44 YES NO ONCE-ONLY MODE? TIMER FINISHED? START TIMER NO YES *NOTE: SEE EXPLANATION IN TEXT LIMIT COMPARISON START FCD TIMER UPDATE ALERT ENABLE/STATUS REGISTER CONVERT SELECTED CHANNEL IS FCD FINISHED? NO YES NO YES NO YES YES NO IS AVERAGING FINISHED? WRITE RESULT TO REGISTERS ALERT SOURCE ENABLED? IS ACQUISITION TIME FINISHED? IS FCD REQUIRED? START ACQUISITION TIMER OUT-OF-LIMIT? ASSERT ALERT OUTPUT* YES NO YES NO VALID SEQUENCE 1? SELECT NEXT CHANNEL GOTO MODE 00 LAST CHANNEL IN SEQUENCE? YES IS SCREEN TOUCHED? NO YES YES NO IS STOPACQ SIGNAL ACTIVE? IS STOPACQ SIGNAL ACTIVE? NO YES YES NO IS SCREEN STILL TOUCHED? YES IS SCREEN STILL TOUCHED? YES NO NO NO HOST PROGRAMS AD7877 IN MODE 11 Figure 39. Master Mode Sequencer Operation INTERRUPTS Data Available Output (DAV) The data available output (DAV) indicates that new ADC data is available in the results registers. While the ADC is idle or is converting, DAV is high. Once the ADC has finished converting and new data has been written to the results registers, DAV goes low. Taking DAV low to read the registers resets DAV to a high condition. DAV is also reset, if a new conversion is started by the AD7877 because the timer expired. The host should attempt to read the results registers only while DAV is low. CS DAV AD7877 STATUS IDLE SETUP BY HOST ADC CONVERTING NEW DATA AVAILABLE HOST READS RESULTS IDLE tCONV Figure 40. Operation of DAV Output DAV is useful as a host interrupt in master mode. In this mode, the host can program the AD7877 to automatically perform a sequence of conversions, and can be interrupted by DAV at the end of each conversion sequence. When the on-board timer is programmed to perform automatic conversions, a limited time is available to the host to read the results registers before another sequence of conversions begins. The DAV signal is reset high when the timer expires, and the host should not access the results registers while DAV is high. Figure 41 shows the worst-case timings for reading the results registers after DAV has gone low. The timer is set at a minimum, and the conversion sequence includes all eleven possible ADC channels. t1 is the time taken for acquisition and conversion on one ADC channel. t2 shows the minimum timer delay, which is 1024 clock periods. t3 is the time taken to read all 11 result registers. If the host wants to read all 11 registers, then it must do so before the timer expires. t4 is the maximum time allowable between DAV going low and the host beginning to read the results registers. If t4 is exceeded, then all registers cannot be read before the start of a new conversion, and incorrect data could be read by the host. DOUT AD7877 STATUS CHANNEL 11 CONVERSION AND ACQUISITION TIMER INTERVAL CHNL 1 t1 t2 t3 t4 CS DAV Figure 41. Timing for Reads after DAV Goes Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |