Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7877 Datasheet HTML 29Page - Analog Devices AD7877 Datasheet HTML 30Page - Analog Devices AD7877 Datasheet HTML 31Page - Analog Devices AD7877 Datasheet HTML 32Page - Analog Devices AD7877 Datasheet HTML 33Page - Analog Devices AD7877 Datasheet HTML 34Page - Analog Devices AD7877 Datasheet HTML 35Page - Analog Devices AD7877 Datasheet HTML 36Page - Analog Devices AD7877 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD7877
Rev. A | Page 33 of 44
REGISTER MAPS
Table 13. Write Register Map
Register Address
Binary
WADD3
WADD2
WADD1
WADD0
HEX
Register Name
Description
0
0
0
0
0
None
Unused. Writing to this address has no effect.
0
0
0
1
1
Control Register 1
Contains ADC channel address, register read address, and ADC
mode.
0
0
1
0
2
Control Register 2
Contains ADC averaging, acquisition time, power manage-
ment, first conversion delay, STOPACQ polarity, and reference
and timer settings.
0
0
1
1
3
Alert
Status/Enable
Register
Contains status of high/low limit comparisons for TEMP1, BAT1,
BAT2, and AUX1, and enable bits to allow these channels to
become interrupt sources.
0
1
0
0
4
AUX1 High Limit
User-programmable AUX1 upper limit.
0
1
0
1
5
AUX1 Low Limit
User-programmable AUX1 lower limit.
0
1
1
0
6
BAT1 High Limit
User-programmable BAT1 upper limit.
0
1
1
1
7
BAT1 Low Limit
User-programmable BAT1 lower limit.
1
0
0
0
8
BAT2 High Limit
User-programmable BAT2 upper limit.
1
0
0
1
9
BAT2 Low Limit
User-programmable BAT2 lower limit.
1
0
1
0
A
TEMP1 Low Limit
User-programmable TEMP1 lower limit.
1
0
1
1
B
TEMP1 High Limit
User-programmable TEMP1 upper limit.
1
1
0
0
C
Sequencer
Register 0
Contains channel selection data for slave mode (software)
sequencing.
1
1
0
1
D
Sequencer
Register 1
Contains channel selection data for master mode (hardware)
sequencing.
1
1
1
0
E
DAC Register
Contains DAC data and setup information.
1
1
1
1
F
Extended Write
Not a physical register. Enables writing to extended writing
map.
Table 14. Extended Writing Map
Register Address
Binary
EADD3
EADD2
EADD1
EADD0
HEX
Register Name
Description
0
0
0
0
0
GPIO Control
Register 1
Contains polarity, direction, enabling, and interrupt enabling
settings for GPIO1 and GPIO2.
0
0
0
1
1
GPIO Control
Register 2
Contains polarity, direction, enabling, and interrupt enabling
settings for GPIO3 and GPIO4.
0
0
1
0
2
GPIO Data
Contains GPIO1 to GPIO4 data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com