| Electronic Components Datasheet Search |
|
AD7877 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7877 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 44 page ![]() AD7877 Rev. A | Page 16 of 44 For greater accuracy, the ratiometric method has two significant advantages: • The reference to the ADC is provided from the actual voltage across the screen, so voltage drops across the switches have no effect. • Because the measurement is ratiometric, it does not matter if the voltage across the screen varies in the long term. However, it must not change after the signal has been acquired. The disadvantage of the ratiometric method is that the screen must be powered up all the time, because it provides the reference voltage for the ADC. TOUCH-PRESSURE MEASUREMENT The pressure applied to the touch screen via a pen or finger can also be measured with the AD7877 using some simple calcula- tions. The contact resistance between the X and Y plates is measured. This provides a good indication of the size of the depressed area and, therefore, the applied pressure. The area of the spot touched is proportional to the size of the object touching it. The size of this resistance (RTOUCH) can be calculated using two different methods. First Method The first method requires the user to know the total resistance of the X-plate tablet (RX). Three touch screen conversions are required: • Measurement of the X position, X POSITION (Y+ input). • Measurement of the Y− input with the excitation voltage applied to Y+ and X− (Z1 measurement). • Measurement of the X+ input with the excitation voltage applied to Y+ and X− (Z2 measurement). These three measurements are illustrated in Figure 30. The AD7877 has two special ADC channel settings that configure the X and Y switches for Z1 and Z2 measurement and store the results in the Z1 and Z2 results registers. The Z1 measurement is ADC Channel 1010b, and the result is stored in the register with Read Address 11010b. The Z2 measurement is ADC Channel 0010b, and the result is stored in the register with Read Address 10010b. The touch resistance can then be calculated using the following equation: RTOUCH = (RXPlate) × (XPOSITION /4096 × [Z2/Z1) − 1] (2) Y– Y+ X– X+ TOUCH RESISTANCE MEASURE Z1 POSITION X– X+ Y– Y+ TOUCH RESISTANCE MEASURE X POSITION Y– Y+ X– X+ TOUCH RESISTANCE MEASURE Z2 POSITION Figure 30. Three Measurements Required for Touch Pressure Second Method The second method requires that the resistance of the X-plate and Y-plate tablets be known. Three touch screen conversions again are required, a measurement of the X Position (XPOSITION), Y Position (YPOSITION), and Z1 position. The following equation also calculates the touch resistance: RTOUCH = RXPlate × (XPOSITION /4096) × [(4096/Z1) − 1] − RYPlate × [1 − (YPOSITION /4096)] (3) STOPACQ PIN As explained previously, touch screens are composed of two resistive layers, normally placed over an LCD screen. Because these layers are in close proximity to the LCD screen, noise can be coupled from the screen onto these resistive layers, causing errors in the touch screen positional measurements. For example, a jitter might be noticeable in the cursor on- screen. In most LCD touch screen systems, a signal, such as an LCD invert signal or other control signal, is present, and noise is usually coupled onto the touch screen during this signal’s active period, as shown in Figure 31. LCD SIGNAL TOUCH SCREEN SIGNAL NOISY PERIOD NOISY PERIOD Figure 31. LCD Noise Affects Touch Screen Measurements |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |