Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7877 Datasheet HTML 6Page - Analog Devices AD7877 Datasheet HTML 7Page - Analog Devices AD7877 Datasheet HTML 8Page - Analog Devices AD7877 Datasheet HTML 9Page - Analog Devices AD7877 Datasheet HTML 10Page - Analog Devices AD7877 Datasheet HTML 11Page - Analog Devices AD7877 Datasheet HTML 12Page - Analog Devices AD7877 Datasheet HTML 13Page - Analog Devices AD7877 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD7877
Rev. A | Page 10 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VCC = 2.7 V, VREF = 2.5 V, fSAMPLE = 125 kHz, fDCLK = 16 × fSAMPLE = 2 MHz, unless otherwise noted.
800
700
600
500
–50
–30
–10
0
30
50
70
90
TEMPERATURE (
°C)
ADC AND REF
ADC, REF, AND DAC
Figure 5. Supply Current vs. Temperature
1000
400
500
600
700
800
900
2.0
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
VCC (V)
ADC AND REF
ADC, REF, AND DAC
Figure 6. Supply Current vs. VCC
0.6
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–30
–10
10305070
90
TEMPERATURE (
°C)
Figure 7. Change in ADC Gain vs. Temperature
200
80
100
120
140
160
180
–50
–30
–10
10305070
90
TEMPERATURE (
°C)
Figure 8. Full Power-Down IDD vs. Temperature
0.6
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–30
–10
10305070
90
TEMPERATURE (
°C)
Figure 9. Change in ADC Offset vs. Temperature
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
Figure 10. ACD INL Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com