Electronic Components Datasheet Search
  English  ▼

X  

AD7877 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7877
Description  Touch Screen Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7877 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7877 Datasheet HTML 15Page - Analog Devices AD7877 Datasheet HTML 16Page - Analog Devices AD7877 Datasheet HTML 17Page - Analog Devices AD7877 Datasheet HTML 18Page - Analog Devices AD7877 Datasheet HTML 19Page - Analog Devices AD7877 Datasheet HTML 20Page - Analog Devices AD7877 Datasheet HTML 21Page - Analog Devices AD7877 Datasheet HTML 22Page - Analog Devices AD7877 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD7877
Rev. A | Page 19 of 44
AUXILIARY INPUTS
The AD7877 has three auxiliary analog inputs, AUX1 to AUX3.
These channels have a full-scale input range from 0 V to VREF.
The ADC channel addresses for AUX1 to AUX3 are 0011b,
0100b, and 0101b, and the results are stored in Registers 10011b,
10100b, and 10101b. These pins can also be reconfigured as
general-purpose logic inputs/outputs, as described in the GPIO
Configuration section.
LIMIT COMPARISON
The AUX1 measurement, the two battery measurements, and
the TEMP1 measurement can all be compared with high and
low limits, and an out-of-limit result made to generate an alarm
output at the ALERT pin. The limits are stored in registers with
addresses from 00100b to 01011b. After a measurement from
any one of the four channels is converted, it is compared with
the corresponding high and low limits. An out-of-limit result
sets one of the status bits in the alert status/enable register. For
details on these and other registers, see the Register Maps and
Detailed Register Descriptions sections. For details on writing
and reading data, see the Serial Interface section.
As mentioned previously, the temperature comparison is made
using the result of the TEMP1 measurement, which is the diode
forward voltage. Because the temperature coefficient of the
diode is known but the actual forward voltage can have a wide
tolerance, it is not possible to program the high and low limit
registers with predetermined values.
Instead, it is necessary to calibrate the temperature measure-
ment, calculate the TEMP1 readings at the high and low limit
temperatures, and then program those values into the limit
registers, as follows:
1.
Calculate
LSB per degree = −2.1 mV/(VREF/4096).
2.
Save the calibration reading
DCAL at calibration temperature
TCAL.
3.
Subtract
TCAL from limit temperatures THIGH and TLOW to get
the difference in degrees between the limit temperatures
and the calibration temperature.
4.
Multiply this value by
LSB per degree to get the value in
LSBs.
5.
Add these values to the digital value at the calibration
temperature to get the digital high and low limit values.
Example:
The internal 2.5 V reference is used.
1.
THIGH = +65°C and TLOW = −10°C.
2.
LSB per degree = −2.1 × 10−3/(2.5/4096) = −3.44.
3.
DCAL = 983 decimal at 25°C.
4.
DHIGH = (65 − 25) × −3.44 + 983 = 845.
5.
DLOW = (−10 − 25) × −3.44 + 983 = 1103.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com