Electronic Components Datasheet Search
  English  ▼

X  

HT46C62 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL2
LCD Common and Segment
Current
3V
VOL=0.1VDD
210
420
¾mA
5V
350
700
¾mA
IOH2
LCD Common and Segment
Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
-180
-360
¾mA
RPH
Pull-high Resistance of I/O Ports
and INT0, INT1
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
VDD
V
EAD
A/D Conversion Integral
Nonlinearity Error
¾¾
¾
±0.5
±1
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1
mA
5V
¾
1.5
3
mA
Note:
²*fS² please refer to clock option of Watchdog Timer
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock
(32768Hz Crystal OSC)
¾ 2.2V~5.5V
¾
32768
¾
Hz
fRTCOSC
RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
¾ 2.2V~5.5V
0
¾
4000
kHz
¾ 3.3V~5.5V
0
¾
8000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up from
HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
1
¾¾
ms
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
1
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
76
¾
tAD
tADCS
A/D Sampling Time
¾¾
¾
32
¾
tAD
Note:
tSYS= 1/fSYS
HT46R62/HT46C62
Rev. 1.60
6
July 14, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com