Electronic Components Datasheet Search
  English  ▼

X  

HT46C62 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
HT46R62/HT46C62
Rev. 1.60
18
July 14, 2005
in a counting error. Blocking of the clock should be taken
into account by the programmer. It is strongly recom-
mended to load a desired value into the TMR register
first, before turning on the related timer/event counter,
for proper operation since the initial value of TMR is un-
known. Due to the timer/event scheme, the programmer
should pay special attention on the instruction to enable
then disable the timer for the first time, whenever there
is a need to use the timer/event function, to avoid unpre-
dictable result. After this procedure, the timer/event
function can be operated normally.
The bit0~bit2 of the TMRC can be used to define the
pre-scaling stages of the internal clock sources of
timer/event counter. The definitions are as shown. The
overflow signal of timer/event counter can be used to
generate the PFD signal. The timer prescaler is also
used as the PWM counter.
Input/Output Ports
There are 20 bidirectional input/output lines in the
microcontroller, labeled as PA, PB0~PB5, PD0~PD2
and PD4~PD6, which are mapped to the data memory
of [12H], [14H] and [18H] respectively. All of these I/O
ports can be used for input and output operations. For
input operation, these ports are non-latching, that is, the
inputs must be ready at the T2 rising edge of instruction
²MOV A,[m]² (m=12H, 14H or 18H). For output operation,
all the data is latched and remains unchanged until the
output latch is rewritten.
Each I/O line has its own control register (PAC, PBC,
PDC) to control the input/output configuration. With this
control register, CMOS output or Schmitt Trigger input
with or without pull-high resistor structures can be re-
configured dynamically under software control. To func-
tion as an input, the corresponding latch of the control
register must write
²1². The input source also depends
on the control register. If the control register bit is
²1²,
the input will read the pad state. If the control register bit
is
²0², the contents of the latches will move to the inter-
nal bus. The latter is possible in the
²read-modify-write²
instruction.
For output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H and 19H.
After a chip reset, these input/output lines remain at high
levels or floating state (depending on pull-high options).
Each bit of these input/output latches can be set or
cleared by
²SET [m].i² and ²CLR [m].i² (m=12H, 14H or
18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. Each I/O port has a pull-high option. Once the
pull-high option is selected, the I/O port has a pull-high
resistor, otherwise, there
¢s none. Take note that a
non-pull-high I/O port operating in input mode will cause
a floating state.
The PA3 is pin-shared with the PFD signal. If the PFD
option is selected, the output signal in output mode of
PA3 will be the PFD signal generated by timer/event
counter overflow signal. The input mode always retain
its original functions. Once the PFD option is selected,
the PFD output signal is controlled by PA3 data register
only. Writing
²1² to PA3 data register will enable the PFD
output function and writing 0 will force the PA3 to remain
at
²0². The I/O functions of PA3 are shown below.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PFD)
O/P
(PFD)
PA3
Logical
Input
Logical
Output
Logical
Input
PFD
(Timer on)
Note:
The PFD frequency is the timer/event counter
overflow frequency divided by 2.
The PA0, PA1, PA3, PD4, PD5 and PD6 are pin-shared
with BZ, BZ, PFD, INT0, INT1 and TMR pins respec-
tively.
The PA0 and PA1 are pin-shared with BZ and BZ signal,
respectively. If the BZ/BZ option is selected, the output
signal in output mode of PA0/PA1 will be the buzzer sig-
nal generated by multi-function timer. The input mode
always remain in its original function. Once the BZ/BZ
option is selected, the buzzer output signal are con-
trolled by the PA0, PA1 data register only.
The I/O function of PA0/PA1 are shown below.
PA0 I/O
I
I
OOOOOOOO
PA1 I/O
I
O
I
I
I
OOOOO
PA0 Mode
X
X C B
B C B
B
B
B
PA1 Mode
X C X
X
X C C C B
B
PA0 Data
X
X D
0
1 D0 0101
PA1 Data
X D X
X
X D1 D D X
X
PA0 Pad Status
I
I
D
0
B D0 0B0B
PA1 Pad Status
I
D
I
I
I D1 DD 0 B
Note:
²I² input; ²O² output
²D, D0, D1² Data
²B² buzzer option, BZ or BZ
²X² don¢t care
²C² CMOS output
The PB can also be used as A/D converter inputs. The
A/D function will be described later. There is a PWM
function shared with PD0/PD1/PD2. If the PWM function
is enabled, the PWM0/PWM1/PWM2 signal will appear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com