Electronic Components Datasheet Search
  English  ▼

X  

HT46C62 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
HT46R62/HT46C62
Rev. 1.60
9
July 14, 2005
Stack Register
- STACK
The stack register is a special part of the memory used
to save the contents of the program counter. The stack
is organized into 6 levels and is neither part of the data
nor part of the program, and is neither readable nor
writeable. Its activated level is indexed by a stack
pointer (SP) and is neither readable nor writeable. At the
start of a subroutine call or an interrupt acknowledg-
ment, the contents of the program counter is pushed
onto the stack. At the end of the subroutine or interrupt
routine, signaled by a return instruction (RET or RETI),
the contents of the program counter is restored to its
previous value from the stack. After chip reset, the SP
will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag is recorded but the ac-
knowledgment is still inhibited. Once the SP is decre-
mented (by RET or RETI), the interrupt is serviced. This
feature prevents stack overflow, allowing the program-
mer to use the structure easily. Likewise, if the stack is
full, and a
²CALL² is subsequently executed, a stack
overflow occurs and the first entry is lost (only the most
recent sixteen return addresses are stored).
Data Memory
- RAM
The data memory (RAM) is designed with 116
´8 bits,
and is divided into two functional groups, namely; spe-
cial function registers 28
´8 bit and general purpose data
memory, 88
´8 bit most of which are readable/writable,
although some are read only. The special function regis-
ter are overlapped in any banks.
Of the two types of functional groups, the special func-
tion registers consist of an Indirect addressing register 0
(00H), a Memory pointer register 0 (MP0;01H), an Indi-
rect addressing register 1 (02H), a Memory pointer reg-
ister 1 (MP1;03H), a Bank pointer (BP;04H), an
Accumulator (ACC;05H), a Program counter
lower-order byte register (PCL;06H), a Table pointer
(TBLP;07H), a Table higher-order byte register
(TBLH;08H), a Real time clock control register
(RTCC;09H), a Status register (STATUS;0AH), an Inter-
rupt control register 0 (INTC0;0BH), Interrupt control
register 1 (INTC1;1EH) , PWM data register
(PWM0;1AH, PWM1;1BH, PWM2;1CH), the A/D result
lower-order byte register (ADRL;24H), the A/D result
higher-order byte register (ADRH;25H), the A/D control
register (ADCR;26H), the A/D clock setting register
(ACSR;27H), I/O registers (PA;12H, PB;14H, PD;18H)
and I/O control registers (PAC;13H, PBC;15H,
PDC;19H). The space before 28H is overlapping in each
bank. The general purpose data memory, addressed
from 28H to 7FH, is used for data and control informa-
tion under instruction commands. All of the data mem-
ory areas can handle arithmetic, logic, increment,
decrement and rotate operations directly. Except for
some dedicated bits, each bit in the data memory can be
set and reset by
²SET [m].i² and ²CLR [m].i². They are
also indirectly accessible through memory pointer regis-
ters (MP0;01H/MP1;03H). The space before 28H is
overlapping in each bank.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 8 8 B y t e s )
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
7 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
R T C C
S T A T U S
I N T C 0
T M R
T M R C
P A
P A C
P B
P B C
P D
P D C
P W M 0
P W M 1
P W M 2
I N T C 1
A D R L
A D R H
A D C R
A C S R
: U n u s e d
R e a d a s " 0 0 "
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com