Electronic Components Datasheet Search
  English  ▼

X  

HT46C62 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
HT46R62/HT46C62
Rev. 1.60
17
July 14, 2005
flows, the counter is reloaded from the timer/event coun-
ter register and issues an interrupt request, as in the
other two modes, i.e., event and timer modes.
To enable the counting operation, the Timer ON bit
(TON; bit 4 of TMRC) should be set to 1. In the pulse
width measurement mode, the TON is automatically
cleared after the measurement cycle is completed. But
in the other two modes, the TON can only be reset by in-
structions. The overflow of the Timer/Event Counter is
one of the wake-up sources and can also be applied to a
PFD (Programmable Frequency Divider) output at PA3
by options. Only one PFD can be applied to PA3 by op-
tions . No matter what the operation mode is, writing a 0
to ETI disables the related interrupt service. When the
PFD function is selected, executing
²SET [PA].3² in-
struction to enable PFD output and executing
²CLR
[PA].3
² instruction to disable PFD output.
In the case of timer/event counter OFF condition, writing
data to the timer/event counter preload register also re-
loads that data to the timer/event counter. But if the
timer/event counter is turn on, data written to the
timer/event counter is kept only in the timer/event coun-
ter preload register. The timer/event counter still contin-
ues its operation until an overflow occurs.
When the timer/event counter (reading TMR) is read,
the clock is blocked to avoid errors, as this may results
R e l o a d
O v e r f l o w t o I n t e r r u p t
1 / 2
P F D
P A 3 D a t a C T R L
T M 1
T M 0
T M R
T E
T M 1
T M 0
T O N
P u l s e W i d t h
M e a s u r e m e n t
M o d e C o n t r o l
8 - b i t T i m e r / E v e n t C o u n t e r
P r e l o a d R e g i s t e r
8 - b i t T i m e r / E v e n t C o u n t e r
( T M R )
D a t a B u s
8 - s t a g e P r e s c a l e r
8 - 1 M U X
f S Y S
f I N T
P S C 2 ~ P S C 0
( 6 + 2 ) o r ( 7 + 1 )
C o m p a r e
P W M
T o P D 0 / P D 1 / P D 2 C i r c u i t
Timer/Event Counter
Bit No.
Label
Function
0
1
2
PSC0
PSC1
PSC2
To define the prescaler stages.
PSC2, PSC1, PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
3TE
Defines the TMR active edge of the timer/event counter:
In Event Counter Mode (TM1,TM0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (TM1,TM0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
TON
Enable/disable timer counting (0=disabled; 1=enabled)
5
¾
Unused bit, read as
²0²
6
7
TM0
TM1
Defines the operating mode (TM1, TM0)
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMRC (0EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com