Electronic Components Datasheet Search
  English  ▼

X  

HT46C62 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
HT46R62/HT46C62
Rev. 1.60
16
July 14, 2005
The register states are summarized below:
Register
Reset
(Power On)
WDT Time-out
(Normal Operation)
RES Reset
(Normal Operation)
RES Reset
(HALT)
WDT Time-out
(HALT)*
MP0
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
BP
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
Program Counter
0000H
0000H
0000H
0000H
0000H
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
RTCC
--00 0111
--00 0111
--00 0111
--00 0111
--uu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
TMR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMRC
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
--11 1111
--11 1111
--11 1111
--11 1111
--uu uuuu
PBC
--11 1111
--11 1111
--11 1111
--11 1111
--uu uuuu
PD
-111 -111
-111 -111
-111 -111
-111 -111
-uuu -uuu
PDC
-111 -111
-111 -111
-111 -111
-111 -111
-uuu -uuu
PWM0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PWM1
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
PWM2
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
INTC1
-00- -00-
-00- -00-
-00- -00-
-00- -00-
-uu- -uu-
ADRL
x--- ----
x--- ----
x--- ----
x--- ----
u--- ----
ADRH
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADCR
0100 0000
0100 0000
0100 0000
0100 0000
uuuu uuuu
ACSR
1--- --00
1--- --00
1--- --00
1--- --00
1--- --uu
Note:
²*² stands for warm reset
²u² stands for unchanged
²x² stands for unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com