Electronic Components Datasheet Search
  English  ▼

X  

HT46C62 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46C62
Description  A/D with LCD Type 8-Bit MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C62 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46C62 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C62 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
HT46R62/HT46C62
Rev. 1.60
25
July 14, 2005
C O M 0
C O M 1
C O M 2
C O M 3
L C D s e g m e n t s O N
C O M 2 s i d e l i g h t e d
V A
V B
V C
V S S
V S S
V S S
V S S
V S S
V A
V B
V C
V A
V B
V C
V A
V B
V C
V A
V B
V C
N o t e : 1 / 4 d u t y , 1 / 3 b i a s , C t y p e : " V A " 3 / 2 V L C D , " V B " V L C D , " V C " 1 / 2 V L C D
1 / 4 d u t y , 1 / 3 b i a s , R t y p e : " V A " V L C D , " V B " 2 / 3 V L C D , " V C " 1 / 3 V L C D
LCD Driver Output
LCD Segments as Logical Output
The SEG0~SEG15 also can be optioned as logical output, once an LCD segment is optioned as a logical output, the
content of bit 0 of the related segment address in LCD RAM will appear on the segment.
SEG0~SEG7 is together byte optioned as logical output, SEG8~SEG15 are bit individually optioned as logical outputs.
LCD Type
R Type
C Type
LCD Bias Type
1/2 bias
1/3 bias
1/2 bias
1/3 bias
VMAX
If VDD>VLCD, then VMAX connect to VDD,
else VMAX connect to VLCD
If VDD >
3
2
VLCD, then VMAX connect to VDD,
else VMAX connect to V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com