Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 69 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 69 Page - Intel Corporation

Back Button 845GV Datasheet HTML 65Page - Intel Corporation 845GV Datasheet HTML 66Page - Intel Corporation 845GV Datasheet HTML 67Page - Intel Corporation 845GV Datasheet HTML 68Page - Intel Corporation 845GV Datasheet HTML 69Page - Intel Corporation 845GV Datasheet HTML 70Page - Intel Corporation 845GV Datasheet HTML 71Page - Intel Corporation 845GV Datasheet HTML 72Page - Intel Corporation 845GV Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
69
Register Description
3.5.1.24
ACAPID—AGP Capability Identifier Register (Device 0)
Address Offset:
A0–A3h
Default Value:
00200002h
Access:
RO
Size:
32 bits
This register provides standard identifier for AGP capability.
3.5.1.25
AGPSTAT—AGP Status Register (Device 0)
Address Offset:
A4–A7h
Default Value:
1F000217h
Access:
RO
Size:
32 bits
This register reports AGP device capability/status.
Bit
Description
31:24
Reserved.
23:20
Major AGP Revision Number (MAJREV).
These bits provide a major revision number of
Accelerated Graphics Port interface Specification, Revision 2.0
to which this version of GMCH
conforms. This field is hardwired to value of 0010b (i.e., implying Rev 2.0).
19:16
Minor AGP Revision Number (MINREV).
These bits provide a minor revision number of
Accelerated Graphics Port Interface Specification, Revision
2.0 to which this version of GMCH
conforms. This number is hardwired to value of 0000 which implies that the revision is 2.0. Together
with major revision number this field identifies the GMCH as an Accelerated Graphics Port Interface
Specification, Revision 2.0
compliant device.
15:8
Next Capability Poin.ter (NCAPTR):
AGP capability is the last capability described via the
capability pointer mechanism and therefore these bits are hardwired to 0 to indicate the end of the
capability linked list.
7:0
AGP Capability ID (CAPID).
This field identifies the linked list item as containing AGP registers.
This field has a value of 0000_0010b assigned by the PCI SIG.
Bit
Description
31:24
Request Queue (RQ).
This field is hardwired to 1Fh to indicate a maximum of 32 outstanding AGP
command requests can be handled by the GMCH. This field contains the maximum number of AGP
command requests the GMCH is configured to manage. Default =1Fh to allow a maximum of 32
outstanding AGP command requests.
23:10
Reserved.
9
Side Band Addressing Support (SBA).
This bit indicates that the GMCH supports side band
addressing. It is hardwired to 1.
8:6
Reserved.
5
Greater Than Four Gigabyte Support (GT4GIG).
This bit indicates that the GMCH does not
support addresses greater than 4 GB. It is hardwired to 0.
4
Fast Write Support (FW).
This bit indicates that the GMCH supports Fast Writes from the processor
to the AGP master. It is hardwired to a 1.
3
Reserved.
2:0
Data Rate Support (RATE).
After reset the GMCH reports its data transfer rate capability. Bit 0
identifies if the AGP device supports 1X data transfer mode, bit 1 identifies if AGP device supports
2X data transfer mode, bit 2 identifies if AGP device supports 4X data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com