Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 9 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 9 Page - Intel Corporation

Back Button 845GV Datasheet HTML 5Page - Intel Corporation 845GV Datasheet HTML 6Page - Intel Corporation 845GV Datasheet HTML 7Page - Intel Corporation 845GV Datasheet HTML 8Page - Intel Corporation 845GV Datasheet HTML 9Page - Intel Corporation 845GV Datasheet HTML 10Page - Intel Corporation 845GV Datasheet HTML 11Page - Intel Corporation 845GV Datasheet HTML 12Page - Intel Corporation 845GV Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH
Datasheet
9
Tables
2-1
DDR-to-SDR Signal Mapping ........................................................................26
2-2
Voltage Levels and RCOMP for Various Interfaces.......................................37
3-1
DRAM Controller/Host-Hub Register Address Map (Device 0)......................48
3-2
PAM Register Attributes.................................................................................65
3-3
Host-to-AGP Register Address Map (Device 1).............................................78
3-4
VGAEN and MDAP Bit Definitions .................................................................91
3-5
Integrated Graphics Device Register Address Map (Device2) ......................92
4-1
DINV Signals vs. Data Bytes .......................................................................105
4-2
Supported DDR DIMM Configurations.........................................................108
4-3
Supported SDR DIMM Configurations .........................................................108
4-4
Data Bytes on DIMM Used for Programming DRAM Registers...................109
4-5
Address Translation and Decoding..............................................................110
4-6
AGP Commands Supported by GMCH When Acting As an AGP Target ....112
4-7
PCI Commands Supported by GMCH When Acting As a PCI Target .........115
4-8
PCI Commands Supported by GMCH When Acting As an
AGP/PCI_B Initiator .....................................................................................116
4-9
Display Port Characteristics.........................................................................131
4-10
Analog Port Characteristics .........................................................................132
5-1
Memory Segments and Their Attributes ......................................................141
5-2
Pre-allocated Memory..................................................................................144
6-1
Absolute Maximum Ratings .........................................................................147
6-2
Intel® 82845G GMCH Package Thermal Resistance ..................................147
6-3
Power Characteristics ..................................................................................148
6-4
Signal Groups ..............................................................................................148
6-5
DC Operating Characteristics ......................................................................150
6-6
DC Characteristics .......................................................................................151
6-7
DAC DC Characteristics: Functional Operating Range
(VCCDAC = 1.5 V ±5%)...............................................................................153
6-8
DAC Reference and Output Specifications..................................................154
6-9
DAC AC Characteristics...............................................................................154
7-1
Intel® 82845G GMCH Ballout by Ball Number.............................................158
7-2
Intel® 82845G GMCH Ballout by Signal Name............................................164
8-1
XOR Chain Output Pins ...............................................................................173
8-2
XOR Chains 0, 1, and 2 ...............................................................................174
8-3
XOR Chains 3, 4, and 5 ...............................................................................176
8-4
XOR Chains 6, 7, and 8 ...............................................................................178
8-5
XOR Chains Excluded Pins .........................................................................180
9-1
Intel® 82845GL/82845GV Ballout by Signal Name......................................187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com