Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 76 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 76 Page - Intel Corporation

Back Button 845GV Datasheet HTML 72Page - Intel Corporation 845GV Datasheet HTML 73Page - Intel Corporation 845GV Datasheet HTML 74Page - Intel Corporation 845GV Datasheet HTML 75Page - Intel Corporation 845GV Datasheet HTML 76Page - Intel Corporation 845GV Datasheet HTML 77Page - Intel Corporation 845GV Datasheet HTML 78Page - Intel Corporation 845GV Datasheet HTML 79Page - Intel Corporation 845GV Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 193 page
background image
Register Description
76
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.35
SMICMD—SMI Command Register (Device 0)
Address Offset:
CC–CDh
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
This register enables various errors to generate a SMI message via the hub interface.
3.5.1.36
SCICMD—SCI Command Register (Device 0)
Address Offset:
CE–CDh
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
This register enables various errors to generate a SMI message via the hub interface.
3.5.1.37
SKPD—Scratchpad Data Register (Device 0)
Address Offset:
DEh
Default Value:
0000h
Access:
R/W
Size:
16 bits
Bit
Description
15:0
Intel Reserved.
Bit
Description
15:0
Intel Reserved.
Bit
Description
15:0
Scratchpad (SCRTCH).
These bits are simply R/W storage bits that have no effect on the GMCH
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com