Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 44 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 44 Page - Intel Corporation

Back Button 845GV Datasheet HTML 40Page - Intel Corporation 845GV Datasheet HTML 41Page - Intel Corporation 845GV Datasheet HTML 42Page - Intel Corporation 845GV Datasheet HTML 43Page - Intel Corporation 845GV Datasheet HTML 44Page - Intel Corporation 845GV Datasheet HTML 45Page - Intel Corporation 845GV Datasheet HTML 46Page - Intel Corporation 845GV Datasheet HTML 47Page - Intel Corporation 845GV Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 193 page
background image
Register Description
44
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.3.1
Standard PCI Bus Configuration Mechanism
The PCI Local Bus Specification, Revision 2.1 defines a slot based “configuration space” that
allows each device to contain up to eight functions with each function containing up to 256, 8-bit
configuration registers. The PCI Local Bus Specification, Revision 2.1 defines two bus cycles to
access the PCI configuration space: Configuration Read and Configuration Write. Memory and I/O
spaces are supported directly by the processor. Configuration space is supported by a mapping
mechanism implemented within the GMCH. The PCI Local Bus Specification, Revision 2.2 defines
the Configuration Mechanism to access configuration space.
The configuration access mechanism makes use of the CONFIG_ADDRESS Register (at I/O
address 0CF8h though 0CFBh) and CONFIG_DATA Register (at I/O address 0CFCh though
0CFFh). To reference a configuration register a DWord I/O write cycle is used to place a value into
CONFIG_ADDRESS that specifies the PCI bus, the device on that bus, the function within the
device, and a specific configuration register of the device function being accessed.
CONFIG_ADDRESS[31] must be 1 to enable a configuration cycle. CONFIG_DATA then
becomes a window into the four bytes of configuration space specified by the contents of
CONFIG_ADDRESS. Any read or write to CONFIG_DATA will result in the GMCH translating
the CONFIG_ADDRESS into the appropriate configuration cycle.
The GMCH is responsible for translating and routing the processor’s I/O accesses to the
CONFIG_ADDRESS and CONFIG_DATA registers to internal GMCH configuration registers,
Hub Interface or AGP/PCI_B.
3.3.2
PCI Bus #0 Configuration Mechanism
The GMCH decodes the Bus Number (bits 23:16) and the Device Number fields of the
CONFIG_ADDRESS register. If the Bus Number field of CONFIG_ADDRESS is 0 the
configuration cycle is targeting a PCI Bus #0 device. The Host-HI Bridge entity within the GMCH
is hardwired as Device 0 on PCI Bus #0. The Host-AGP/PCI_B Bridge entity within the GMCH is
hardwired as Device 1 on PCI Bus #0. The integrated Graphics entity within the GMCH is
hardwired as Device 2 on PCI Bus #0. Configuration cycles to any of the GMCH’s internal devices
are confined to the GMCH and not sent over the hub interface.
3.3.3
Primary PCI and Downstream Configuration Mechanism
If the Bus Number in the CONFIG_ADDRESS is non-zero, and is less than the value in the Host-
AGP/PCI_B device’s Secondary Bus Number register or greater than the value in the Host-AGP/
PCI_B device’s Subordinate Bus Number register, the GMCH will generate a Type 1 Hub Interface
Configuration Cycle.
If the cycle is forwarded to the ICH4 via the hub interface, the ICH4 compares the non-zero Bus
Number with the Secondary Bus Number and Subordinate Bus Number registers of its PCI-to-PCI
bridges to determine if the configuration cycle is meant for Primary PCI, or a downstream PCI bus.
3.3.4
AGP/PCI_B Bus Configuration Mechanism
From the chipset configuration perspective, AGP/PCI_B is seen as PCI bus interfaces residing on a
Secondary Bus side of the “virtual” PCI-to-PCI bridges referred to as the GMCH Host-PCI_B/
AGP bridge. On the Primary bus side, the “virtual” PCI-to-PCI bridge is attached to PCI Bus #0.
Therefore, the Primary Bus Number register is hardwired to 0. The “virtual” PCI-to-PCI bridge
entity converts Type #1 PCI Bus Configuration cycles on PCI Bus #0 into Type 0 or Type 1
configuration cycles on the AGP/PCI_B interface. Type 1 configuration cycles on PCI Bus #0 that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com