Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 73 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 73 Page - Intel Corporation

Back Button 845GV Datasheet HTML 69Page - Intel Corporation 845GV Datasheet HTML 70Page - Intel Corporation 845GV Datasheet HTML 71Page - Intel Corporation 845GV Datasheet HTML 72Page - Intel Corporation 845GV Datasheet HTML 73Page - Intel Corporation 845GV Datasheet HTML 74Page - Intel Corporation 845GV Datasheet HTML 75Page - Intel Corporation 845GV Datasheet HTML 76Page - Intel Corporation 845GV Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
73
Register Description
3.5.1.32
GMCHCFG—GMCH Configuration Register (Device 0)
Address Offset:
C6–C7h
Default Value:
0C01h
Access:
R/W, RO
Size:
16 bits
Bit
Description
15:13
Intel Reserved.
12
Core/PSB Frequency Select (PSBFREQ)—RO.
The default value of this bit is set by the strap
assigned to pin PSBSEL and is latched at the rising edge of PWROK.
0 = PSB frequency is 400 MHz (PSBSEL sampled low on PWROK assertion)
1 = PSB frequency is 533 MHz (PSBSEL sampled high on PWROK assertion)
11:10
System Memory Frequency Select (SMFREQ)—R/W1
.
00 = Intel Reserved
01 = Intel Reserved
10 = System Memory frequency is set to 133 MHz (SDR133, DDR266)
11 = System Memory frequency is set to 100 MHz (DDR200) (Default)
NOTE:
1. When writing a new value to this bit, a warm reset through the Intel® ICH4 must be executed
before the bit becomes effective. This must be enforced by BIOS/SW. However, changing this bit
in SW requires a “warm reset”
9:6
Intel Reserved.
5
MDA Present (MDAP).
This bit works with the VGA enable bits in the BCTRL1 register of Device 1
to control the routing of processor initiated transactions targeting MDA compatible I/O and memory
address ranges. This bit should not be set if Device 1's VGA enable bit is not set. If Device 1's VGA
enable bit is set, then accesses to I/O address range x3BCh-x3BFh are forwarded to the hub
interface. If the VGA enable bit is not set then accesses to IO address range x3BCh-x3BFh are
treated just like any other I/O accesses. That is, the cycles are forwarded to AGP if the address is
within the corresponding IOBASE and IOLIMIT and ISA enable bit is not set; otherwise, they are
forwarded to the hub interface. MDA resources are:
Memory:
0B0000h–0B7FFFh
I/O:
3B4h, 3B5h, 3B8h, 3B9h, 3BAh, 3BFh
(including ISA address aliases, A[15:10] are not used in decode)
Any I/O reference that includes the I/O locations listed above, or their aliases, will be forwarded to
hub interface even if the reference includes I/O locations not listed above.
Refer to the Chapter 5 for further information.
4
Intel Reserved.
3
RO
AGP Mode (AGP/DVO#)—RO.
This bit is Read Only and reflects the ADD_DETECT strap value.
This strap bit determines the function of the AGP I/O signal.
0 = 2xDVO
1 = AGP
When the strap is sampled low, this bit will be a 0 and DVO mode will be selected. When the strap is
sampled high, this bit will be a 1 and AGP mode will be selected.
Note that when this bit is set to 0 (DVO mode), Device 1 is disabled (configuration cycles fall-through
to HI) and the Next Pointer field in CAPREG will be hardwired to zeros.
2
PSB IOQ Depth (IOQD)—RO.
This bit is RO and reflects the HA[7]# strap value. It indicates the
depth of the PSB IOQ.
0 = 1 deep
1 = 12 on the bus, 8 on the GMCH
When the strap is sampled low, this bit will be a 0 and the PSB IOQ depth is set to 1. When the strap
is sampled high, this bit will be a 1 and the PSB IOQ depth is set to the maximum (12 on the bus, 8
on the GMCH).
1:0
Intel Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com