Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 52 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 52 Page - Intel Corporation

Back Button 845GV Datasheet HTML 48Page - Intel Corporation 845GV Datasheet HTML 49Page - Intel Corporation 845GV Datasheet HTML 50Page - Intel Corporation 845GV Datasheet HTML 51Page - Intel Corporation 845GV Datasheet HTML 52Page - Intel Corporation 845GV Datasheet HTML 53Page - Intel Corporation 845GV Datasheet HTML 54Page - Intel Corporation 845GV Datasheet HTML 55Page - Intel Corporation 845GV Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 193 page
background image
Register Description
52
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.4
PCISTS
—PCI Status Register (Device 0)
Address Offset:
06–07h
Default Value:
0090h
Access:
RO, R/WC
Size:
16 bits
PCISTS is a 16-bit status register that reports the occurrence of error events on Device 0’s PCI
interface. Bit 14 is read/write clear. All other bits are Read Only. Since GMCH Device 0 does not
physically reside on PCI_A, many of the bits are not implemented.
Bit
Description
15
Detected Parity Error (DPE)—RO.
Hardwired to 0. Not implemented.
14
Signaled System Error (SSE)—R/WC.
0 = SERR message not generated for Device 0 SERR condition.
1 = GMCH Device 0 generated an SERR message over the hub interface for any enabled Device 0
error condition. Device 0 error conditions are enabled in the PCICMD and ERRCMD registers.
Device 0 error flags are read/reset from the PCISTS or ERRSTS registers. Software sets SSE
to 0 by writing a 1 to this bit.
NOTE:
Software clears this bit by writing a 1 to it.
13
Received Master Abort Status (RMAS)—RO.
This bit is set when the GMCH generates a hub
interface request that receives a Master Abort completion packet or Master Abort Special Cycle.
12
Received Target Abort Status (RTAS)—RO.
This bit is set when the GMCH generates a hub
interface request that receives a Target Abort completion packet or Target Abort Special Cycle.
11
Signaled Target Abort Status (STAS)—RO.
Hardwired to 0. Not implemented. The GMCH will not
generate a Target Abort HI completion packet or Special Cycle.
10:9
DEVSEL Timing (DEVT)—RO.
Hardwired to 00. Device 0 does not physically connect to PCI_A.
These bits are set to “00” (fast decode) so that optimum DEVSEL timing for PCI_A is not limited by
the GMCH.
8
Master Data Parity Error Detected (DPD)—RO.
Hardwired to 0. PERR signaling and messaging
are not implemented by the GMCH.
7
Fast Back-to-Back (FB2B)—RO.
Hardwired to 1. Device 0 does not physically connect to PCI_A.
This bit is set to 1 (indicating fast back-to-back capability) so that the optimum setting for PCI_A is
not limited by the GMCH.
6:5
Reserved.
4
Capability List (CLIST)—RO.
Hardwired to 1. This indicates to the configuration software that this
device/function implements a list of new capabilities. A list of new capabilities is accessed via
CAPPTR register (offset 34h). The CAPPTR register contains an offset pointing to the start address
within configuration space of this device where the AGP Capability standard register resides.
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com