Electronic Components Datasheet Search
  English  ▼

X  

845GV Datasheet(PDF) 29 Page - Intel Corporation

Part # 845GV
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GV Datasheet(HTML) 29 Page - Intel Corporation

Back Button 845GV Datasheet HTML 25Page - Intel Corporation 845GV Datasheet HTML 26Page - Intel Corporation 845GV Datasheet HTML 27Page - Intel Corporation 845GV Datasheet HTML 28Page - Intel Corporation 845GV Datasheet HTML 29Page - Intel Corporation 845GV Datasheet HTML 30Page - Intel Corporation 845GV Datasheet HTML 31Page - Intel Corporation 845GV Datasheet HTML 32Page - Intel Corporation 845GV Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
29
Signal Description
2.4
AGP Interface Signals
2.4.1
AGP Addressing Signals
Note: The above table contains two mechanisms to queue requests by the AGP master. Note that the
master can only use one mechanism. When PIPE# is used to queue addresses, the master is not
allowed to queue addresses using the sideband (SB) bus. During configuration time, if the master
indicates that it can use either mechanism, the configuration software indicates which mechanism
the master will use. Once this choice has been made, the master continues to use the mechanism
selected until the master is reset (and reprogrammed) to use the other mode. This change of modes
is not a dynamic mechanism but rather a static decision when the device is first being configured
after reset.
2.4.2
AGP Flow Control Signals
Signal Name
Type
Description
GPIPE#
I
AGP
Pipelined Read: This signal is asserted by the current master to indicate a full
width address is to be queued by the target. The master queues one request each
rising clock edge while GPIPE# is asserted. When GPIPE# is deasserted, no new
requests are queued across the GAD bus.
GPIPE# is a sustained tri-state signal from the master (graphics controller) and is
an input to the GMCH.
GSBA[7:0]
I
AGP
Sideband Address: This bus provides an additional bus to pass addresses and
commands to the GMCH from the AGP master.
Signal Name
Type
Description
GRBF#
I
AGP
Read Buffer Full: This signal indicates if the master is ready to accept previously
requested low priority read data. When GRBF# is asserted, the GMCH is not
allowed to return low priority read data to the AGP master. GRBF# is only
sampled at the beginning of a cycle.
If the AGP master is always ready to accept return read data, it is not required to
implement this signal.
GWBF#
I
AGP
Write Buffer Full: This signal indicates if the master is ready to accept fast write
data from the GMCH. When GWBF# is asserted, the GMCH is not allowed to
drive fast write data to the AGP master. GWBF# is only sampled at the beginning
of a cycle.
If the AGP master is always ready to accept fast write data, it is not required to
implement this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com