Electronic Components Datasheet Search
  English  ▼

X  

LMX9820ASM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 13Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 14Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 15Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 16Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 17Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 18Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 19Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 20Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Revision 1.0
17
www.national.com
8.0 Digital Smart Radio (Continued)
8.0 Digital Smart Radio
8.1 FUNCTIONAL DESCRIPTION
The integrated Digital Smart Radio uses a heterodyne re-
ceiver architecture with a low intermediate frequency (2
MHz), such that the intermediate frequency filters can be in-
tegrated on-chip. The receiver consists of a low-noise am-
plifier (LNA) followed by two mixers. The intermediate
frequency signal processing blocks consist of a poly-phase
bandpass filter (BPF), two hard limiters (LIM), a frequency
discriminator (DET), and a post-detection filter (PDF). The
received signal level is detected by a received signal
strength indicator (RSSI).
The received frequency equals the local oscillator frequen-
cy (fLO) plus the intermediate frequency (fIF):
fRF = fLO + fIF (supradyne).
The radio includes a synthesizer consisting of a phase de-
tector, a charge pump, an (off-chip) loop filter, an RF fre-
quency divider, and a voltage-controlled oscillator (VCO).
The transmitter uses IQ-modulation with bit-stream data
that is gaussian filtered. Other blocks included in the trans-
mitter are a VCO buffer and a power amplifier (PA).
8.2 RECEIVER FRONT END
The receiver front end consists of a low-noise amplifier
(LNA) followed by two mixers and two low-pass filters for the
I- and Q-channels.
The intermediate frequency (IF) part of the receiver front
end consists of two IF amplifiers that receive input signals
from the mixers, delivering balanced I- and Q-signals to the
poly-phase bandpass filter. The poly-phase bandpass filter
is directly followed by two hard limiters that together gener-
ate an AD-converted RSSI signal.
8.2.1 Poly-Phase Bandpass Filter
The purpose of the IF bandpass filter is to reject noise and
spurious (mainly adjacent channel) interference that would
otherwise enter the hard-limiting stage. In addition, it han-
dles image rejection.
The bandpass filter uses both the I- and Q-signals from the
mixers. The out-of-band suppression should be higher than
40 dB (f < 1 MHz, f > 3 MHz). The bandpass filter is tuned
over process spread and temperature variations by the au-
totuner circuitry. A 5th-order Butterworth filter is used.
8.2.2 Hard Limiter and RSSI
The I- and Q-outputs of the bandpass filter are each fol-
lowed by a hard-limiter. The hard-limiter has its own refer-
ence current. The RSSI (Received
Signal
Strength
Indicator) reports the level of the RF input signal.
The RSSI is generated by piece-wise linear approximation
of the level of the RF signal. The RSSI has a mV/dB scale,
and an analog-to-digital converter for processing by the
baseband circuit. The input RF power is converted to a 5-bit
value. The RSSI value is then proportional to the input pow-
er (in dBm).
The digital output from the ADC is sampled on the BPK-
TCTL signal low-to-high transition.
8.3 RECEIVER BACK END
The hard limiters are followed by two frequency discrimina-
tors. The I-frequency discriminator uses the 90o phase-
shifted signal from the Q-path, while the Q-discriminator
uses the 90o phase-shifted signal from the I-path. A poly-
phase bandpass filter performs the required phase shifting.
The output signals of the I- and Q-discriminator are sub-
tracted and filtered by a low-pass filter. An equalizer is add-
ed to improve the eye-pattern for 101010 patterns.
After equalization, a dynamic AFC (automatic frequency off-
set compensation) circuit and slicer extract the RX_DATA
from the analog data pattern. The Eb/No of the demodulator
is approximately 17 dB.
8.3.1 Frequency Discriminator
The frequency discriminator gets its input signals from the
limiter. A defined signal level (independent of the power
supply voltage) is needed to obtain the input signal. Both in-
puts of the frequency discriminator have limiting circuits to
optimize performance. The bandpass filter in the frequency
discriminator is tuned by the autotuning circuitry.
8.3.2 Post-Detection Filter and Equalizer
The output signals of the FM discriminator go through a
post-detection filter followed by an equalizer. Both the post-
detection filter and equalizer are tuned to the proper fre-
quency by the autotuning circuitry. The post-detection filter
is a low-pass filter intended to suppress all remaining spuri-
ous signals, such as the second harmonic (4 MHz) from the
FM detector and noise generated after the limiter.
The post-detection filter also helps for attenuating the first
adjacent channel signal. The equalizer improves the eye-
opening for 101010 patterns. The post-detection filter is a
third-order Butterworth filter.
8.4 AUTOTUNING CIRCUITRY
The autotuning circuitry is used for tuning the bandpass fil-
ter, detector, post-detection filter, equalizer, and transmit fil-
ters for process and temperature variations. The circuitry
includes offset compensation for the FM detector.
8.5 SYNTHESIZER
The synthesizer consists of a phase-frequency detector, a
charge pump, a low-pass loop filter, a programmable fre-
quency divider, a voltage-controlled oscillator (VCO), a del-
ta-sigma modulator, and a lookup table.
The frequency divider consists of a divide-by-2 circuit (di-
vides the 5 GHz signal from the VCO down to 2.5 GHz), a
divide-by-8-or-9 divider, and a digital modulus control. The
delta-sigma modulator controls the division ratio and also
generates an input channel value to the lookup table.
8.5.1 Phase-Frequency Detector
The phase-frequency detector is a 5-state phase-detector.
It responds only to transitions, hence phase-error is inde-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com