| Electronic Components Datasheet Search |
|
LMX9820ASM Datasheet(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX9820ASM Datasheet(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 44 page ![]() Revision 1.0 33 www.national.com 13.0 Usage Scenarios (Continued) 13.2 SCENARIO 2: AUTOMATIC POINT-TO-POINT CONNECTION LMX9820A at both sides. Example: Serial Cable Replacement. Device #1 controls the link setup with a few commands as described. If step 5 is executed, the stored default device is connected (step 4) after reset (in automatic mode only) or by sending the “Connect to Default Device” command. The command can be sent to the device at any time. If step 6 is left out, the microcontroller has to use the “Send Data” command, instead of sending data directly to the module. Figure 20. Automatic Point-to-Point Connection Microcontroller LMX9820A Air Inquiry Inquiry Request Inquiry Response Inquiry Result Establish SDP Link Transparent Mode SDP Link Request SDP Link Accept SDP Link Established Connected Service Browse Browse Result Release SDP Link SDP Link Released Service Browse Service Response Release SDP Link Release Confirm SPP Link Request SPP Link Accept Establish SPP Link Link Established on Port R LMX9820A Transparent Mode Serial Device #1 Inquiry 1. Devices in Range? Inquiry Result 2. Choose the Device 3. Which COM Port is available? Establish SDP Link SDP Link Established Service Browse RFComm Port = R Release SDP Link SDP Link Released 4. Create SPP Link Establish SPP Link Connected on Port L to Port R1 on Port L2 Transparent Mode 6. Switch to to Port R on Port L Microcontroller Serial Device #2 5. Connect on Default Store Default Device (Optional) Device Stored Storing Default Device Device Stored 1. Port R indicates the remote RFComm channel to connect to. Usually the result of the SDP request. 2. Port L indicates the Local RFComm channel used for that connection. No Bluetooth commands necessary; only “connected” event indicated to controller. Bluetooth device controls link with a few commands. Interface Transparent Raw Data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |