Electronic Components Datasheet Search
  English  ▼

X  

LMX9820ASM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 10Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 11Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 12Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 13Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 14Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 15Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 16Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 17Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
www.national.com
14
Revision 1.0
7.0 Functional Description (Continued)
7.0 Functional Description
7.1 BASEBAND AND LINK MANAGEMENT
PROCESSORS
Baseband and Lower Link control functions are imple-
mented using a combination of National Semiconductor’s
CompactRISC 16-bit processor and the Bluetooth Lower
Link Controller. These processors operate from integrated
Flash memory and RAM and execute on-board firmware
implementing all Bluetooth functions.
7.1.1 Bluetooth Lower Link Controller
The integrated Bluetooth Lower Link Controller (LLC) com-
plies with the Bluetooth Specification version 1.1 and
implements the following functions:
• Support for 1, 3, and 5 slot packet types
• 79-channel hop frequency generation circuitry
• Fast frequency hopping at 1600 hops per second
• Power management control
• Access code correlation and slot timing recovery
7.1.2 Bluetooth Upper Layer Stack
The integrated upper layer stack is prequalified and
includes the following protocol layers:
• L2CAP
• RFComm
• SDP
7.1.3 Profile Support
The on-chip application of the LMX9820A allows full stand-
alone operation, without any Bluetooth protocol layer nec-
essary outside the module. It supports the Generic Access
Profile (GAP), the Service Discovery Application Profile
(SDAP), and the Serial Port Profile (SPP).
The on-chip profiles can be used as interfaces to additional
profiles executed on the host. The LMX9820A includes a
configurable service database to answer requests with the
profiles supported.
7.1.4 Application with Command Interface
The module supports automatic slave operation eliminating
the need for an external control unit. The implemented
transparent option enables the chip to handle incoming
data raw, without the need for packaging in a special for-
mat. The device uses a fixed pin to block unallowed con-
nections.
Acting as master, the application offers a simple but versa-
tile command interface for standard Bluetooth operations
such as inquiry, service discovery, and serial port connec-
tion. The firmware supports up to three slaves. Default Link
Policy settings and a specific master mode allow optimized
configuration for the application specific requirements. See
also Section "Integrated Firmware" on page 24.
Figure 9. Transceiver Return Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com