Electronic Components Datasheet Search
  English  ▼

X  

LMX9820ASM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 11Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 12Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 13Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 14Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 15Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 16Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 17Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 18Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Revision 1.0
15
www.national.com
7.0 Functional Description (Continued)
7.2 MEMORY
The LMX9820A includes 256KB of programmable Flash
memory that can be used for code and constant data. It
allows single-cycle read access from the CPU. In addition
to storing all algorithms and firmware, the on-board Flash
also contains the IEEE 802 compliant Media Access Con-
troller (MAC) address (BDADDR). The firmware and the
BDADDR are programmed by National Semiconductor or
can be programmed by the customer either before assem-
bly into the host system or in-system. Module firmware can
also be updated during manufacturing or in-system using
the ISP capabilities of the LMX9820A. The LMX9820A
firmware uses the internal RAM for buffers and program
variables.
7.3 CONTROL AND TRANSPORT PORT
The LMX9820A provides one Universal Asynchronous
Receiver Transmitter (UART). It supports 8-bit data formats
with or without parity and one or two stop bits. The baud
rate is generated by hardware that is programmed at boot
time. Alternatively, the speed and configuration settings
can be read out of internal memory settings. The UART
can operate at baud rates of 2.4k, 4.8k, 7.2k, 9.6k, 19.2k,
38.4k, 57.6k, 115.2k, 230.4k, 460.8k and 921.6k. It imple-
ments flow control logic (RTS, CTS) to provide hardware
handshaking capability. The UART offers wakeup from the
low-power modes through the multi-input wakeup module.
UART logic thresholds are set via the IOVCC pin.
7.4 AUXILIARY PORTS
7.4.1 Reset_5100 and Reset_b#
Reset_5100 and Reset_b# are active low reset inputs for
the baseband controller and digital smart radio portions of
the LMX9820A, respectively. These pins are normally tied
together and are connected to the host system so that the
host can initialize the LMX9820A by asserting the reset
inputs. Upon de-assertion, the status of the module operat-
ing
environment (Env)
pads
are
sampled
and
the
LMX9820A enters the corresponding operational mode.
7.4.2 Operating Environment Pads (Env0 and Env1)
The module provides two operating environments (see
Table 17) selected by the states on the Env inputs sampled
at reset.
The ISP mode allows end-of-line or field programming of
the LMX9820A Flash memory by starting the baseband
controller from the boot block of memory.
7.4.3 Interface Select Inputs (ISEL1, ISEL2)
The interface selection pads are used for setting the UART
speed and settings. If ISEL1 and ISEL2 are unconnected,
they are pulled high by weak internal pullups, which select
a default baudrate of 921.6k baud. The settings for Stop-
bits, Startbit, and Parity are stored as internal non-volatile
storage (NVS) parameters. If a baud rate different from the
values listed in Table 18 is needed, ISEL 1 and ISEL2 must
be pulled low. This forces the device to read the UART
speed from the parameter table in NVS. The default baud
rate value programmed in NVS is 9.6k baud, however the
device firmware can be modified to support other values.
The default configuration in NVS is 1 Stopbit, 1 Startbit, and
No parity. Table 18 shows the ISEL1 and ISEL2 selection
settings.
7.4.4 Module and LInk Status Outputs
The LMX9820A provides signals that the host can use to
determine the real-time status of the radio link. The
TX_Switch_P signal (pad H3) is a real-time indication of
the current configuration (direction) of the transceiver. The
link status lines (Lstat_0 and Lstat_1, pads E8 and F8,
respectively) are GPIO lines controlled by the LMX9820A
firmware. The Host Wakeup line (Host_wu, pad F9) is
implemented using GPIO and firmware. It is used to bring
the host processor out of Sleep mode when link activity
calls for host processing. Host_wu can also be used by the
host to check if link activity is present. If Host_wu is active,
then link activity is present and the host loses network
awareness if the operating system continues to allow the
host processor to enter Sleep mode. Table 19 presents the
definitions of the various module and link status outputs.
Table 17. Operating Environments
Operating Environment
Env1
(Pad B11)
Env0
(Pad E9)
ISP Mode
1
0
Run (Normal) Mode (De-
fault)
11
Table 18. UART Speed Selection
ISEL1
(Pad J13)
ISEL2
(Pad H13)
Interface
Speed (baud)
UART
Settings
1
1
921.6k
From NVS
0
1
115.2k
From NVS
1
0
9.6k
1Stop, 1Start,
No Parity
0
0
Check NVS
From NVS
Table 19. Module/Link Status Definitions
Mode
x
1
x
x
At least 1 SPP link es-
tablished
x
0
x
x
No active SPP link
x
x
1
x
Transceiver = Transmit
x
x
0
x
Transceiver = Receive
x
x
x
0
Host can Sleep
x
x
x
1
Wakeup host/host
should not Sleep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com