Electronic Components Datasheet Search
  English  ▼

X  

LMX9820ASM Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 28Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 29Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 30Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 31Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 32Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 33Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 34Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 35Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
www.national.com
32
Revision 1.0
13.0 Usage Scenarios (Continued)
13.0 Usage Scenarios
13.1 SCENARIO 1: POINT-TO-POINT
CONNECTION
LMX9820A acts only as slave, no further configuration is
required.
Example: Sensor with LMX9820A; hand-held device with
standard Bluetooth option.
The SPP conformance of the LMX9820A allows any device
using the SPP to connect to the LMX9820A.
By switching to transparent mode automatically, the con-
troller has no need for an additional protocol layer; data is
sent raw to the other Bluetooth device.
On default, a PinCode is requested to block unallowed tar-
geting.
Figure 19. Point-to-Point Connection
Microcontroller
LMX9820A
Standard Device
Air Interface
UART
Search for Devices
Inquiry Request
Inquiry Response
Get Remote Services
Transparent Mode
No Bluetooth commands necessary,
Sensor Device
only “connected” event indicated to controller.
SDP Link Request
SDP Link Accept
Connected
Service Browse
Service Response
Release SDP Link
Release Confirm
SPP Link Request
SPP Link Accept
Establish SPP Link
Link Established
on Port L
The client software only
shows high level functions.
with Bluetooth
Raw Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com