Electronic Components Datasheet Search
  English  ▼

X  

LMX9820ASM Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 18Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 19Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 20Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 21Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 22Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 23Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 24Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 25Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
www.national.com
22
Revision 1.0
8.0 Digital Smart Radio (Continued)
8.7.3 ESR (Equivalent Series Resistance)
LMX9820A can operate with a wide range of crystals with
different ESR ratings. Reference Table 24 on page 22 and
Figure 14 on page 22 for more details.
Figure 14. ESR vs. Load Capacitance for the Crystal
Table 24. System Clock Requirements
Parameter
Min
Typ
Max
Unit
External Reference Clock Frequency
12 MHz
MHz
Frequency Tolerance (over full operating temperature and aging)
15
20
ppm
Crystal Serial Resistance
230
Ω
External Reference Clock Power Swing, pk to pk
100
200
400
mV
Aging
1ppm
per
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com