Electronic Components Datasheet Search
  English  ▼

X  

LMX9820ASM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX9820ASM Datasheet HTML 1Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 2Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 3Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 4Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© 2005 National Semiconductor Corporation
www.national.com
1.0 General Description
The National Semiconductor LMX9820A Bluetooth Serial
Port module is a highly integrated radio, baseband control-
ler, and memory device implemented on an FR4 substrate.
All hardware and firmware is included to provide a com-
plete solution from antenna from the complete lower and
upper layers of the Bluetooth stack, up to the application
support layers including the Generic Access Profile (GAP),
the Service Discovery Application Profile (SDAP), and the
Serial Port Profile (SPP). The module includes a config-
urable service database to fulfill service requests for addi-
tional profiles on the host. The LMX9820A features a small
form factor (10.1 x 14.1 x 2.0 mm) design, which solves
many of the challenges associated with compact system
integration. Moreover, the LMX9820A is pre-qualified as a
Bluetooth Integrated Component. Conformance testing
through the Bluetooth qualification program enables a fast
time to market after system integration by ensuring a high
degree of compliance and interoperability.
Based on National’s CompactRISC™ 16-bit processor
architecture and Digital Smart Radio technology, the
LMX9820A is optimized to handle the data and link man-
agement processing requirements of a Bluetooth node.
The firmware supplied with this device offers a complete
Bluetooth (v1.1) stack including profiles and command
interface. This firmware features point-to-point and point-
to-multipoint link management supporting data rates up to
the theoretical maximum over RFComm of 704 kbps. The
internal memory supports up to three active Bluetooth data
links and one active SCO link.
1.1 APPLICATIONS
■ Personal Digital Assistants
■ POS Terminals
■ Data Logging Systems
■ Audio Gateway applications
CompactRISC is a trademark of National Semiconductor Corporation.
Bluetooth is a registered trademark of Bluetooth SIG, Inc. and is used under license by National Semiconductor.
APRIL 2005
Revision 1.0
LMX9820A
Bluetooth® Serial Port Module
2.0 Functional Block Diagram
UART_RX
UART_TX
UART_RTS#
UART_CTS#
UART
IOVCC
TX_SWITCH_P
ENV0
ENV1
LSTAT_0
LSTAT_1
HOST_WU
RESET_B#
RESET_5100#
AUX
PORTS
COMPACTRISC™
BASEBAND
LINK
MGMNT
CONTROLLER
JTAG
RAM
FLASH
DIGITAL
SMART
RADIO
SYNTHESIZER
LNA
PA
TR
SW
CRYSTAL/OSCILLATOR
DIG_GND[1:2]
VCC
PROCESSOR
(LMP)
CORE
ANALOG
DIGITAL
VDD_ANA_OUT
VDD_DIG_OUT
VDD_DIG_PWR_D#
VOLTAGE
REGULATORS
FIRMWARE
(INCLUDES
PROFILES AND
COMMAND
INTERFACE)
ISEL2
ISEL1
INTERFACE
SELECT
ADVANCED
AUDIO INTERFACE
AAI_STD
AAI_SRD
AAI_SFS
AAI_SCLK


Similar Part No. - LMX9820ASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
Bluetooth Serial Port Module
LMX9820SB NSC-LMX9820SB Datasheet
567Kb / 40P
Bluetooth Serial Port Module
LMX9820SBX NSC-LMX9820SBX Datasheet
567Kb / 40P
Bluetooth Serial Port Module
More results

Similar Description - LMX9820ASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
Bluetooth Serial Port Module
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
OEM Bluetooth-Serial Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
Bluetooth-serial Module
PARANI-BCD210 ETC-PARANI-BCD210 Datasheet
1Mb / 25P
Bluetooth-serial Module
SD200 ETC-SD200 Datasheet
536Kb / 2P
Bluetooth-serial adapter
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
LMX9838 Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
Bluetooth to Serial Port Module
06.18.2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com