Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DS280DF810 Datasheet HTML 19Page - Texas Instruments DS280DF810 Datasheet HTML 20Page - Texas Instruments DS280DF810 Datasheet HTML 21Page - Texas Instruments DS280DF810 Datasheet HTML 22Page - Texas Instruments DS280DF810 Datasheet HTML 23Page - Texas Instruments DS280DF810 Datasheet HTML 24Page - Texas Instruments DS280DF810 Datasheet HTML 25Page - Texas Instruments DS280DF810 Datasheet HTML 26Page - Texas Instruments DS280DF810 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
23
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Table 2. Typical VOD and FIR Values (continued)
FIR SETTINGS
PEAK-TO PEAK
VOD(V)
RPRE(dB)
RPST(dB)
PRE-CURSOR:
REG_0x3E[6:0]
MAIN-CURSOR:
REG_0x3D[6:0]
POST-CURSOR:
REG_0x3F[6:0]
0
+4
0
0.395
NA
NA
0
+5
0
0.440
NA
NA
0
+6
0
0.490
NA
NA
0
+7
0
0.525
NA
NA
0
+8
0
0.565
NA
NA
0
+9
0
0.610
NA
NA
0
+10
0
0.650
NA
NA
0
+11
0
0.685
NA
NA
0
+12
0
0.720
NA
NA
0
+13
0
0.760
NA
NA
0
+14
0
0.790
NA
NA
0
+15
0
0.825
NA
NA
0
+16
0
0.860
NA
NA
0
+17
0
0.890
NA
NA
0
+18
0
0.925
NA
NA
0
+19
0
0.960
NA
NA
0
+20
0
0.985
NA
NA
0
+21
0
1.010
NA
NA
0
+22
0
1.040
NA
NA
0
+23
0
1.075
NA
NA
0
+24
0
1.095
NA
NA
0
+25
0
1.125
NA
NA
0
+26
0
1.150
NA
NA
0
+27
0
1.165
NA
NA
0
+28
0
1.190
NA
NA
0
+29
0
1.205
NA
NA
0
+30
0
1.220
NA
NA
0
+31
0
1.225
NA
NA
0
+18
-1
0.960
NA
2.1
0
+17
-2
0.960
NA
2.5
0
+16
-3
0.960
NA
3.1
0
+15
-4
0.960
NA
3.8
0
+14
-5
0.960
NA
4.7
0
+13
-6
0.960
NA
5.8
0
+12
-7
0.960
NA
7.2
0
+11
-8
0.960
NA
9.0
0
+10
-9
0.960
NA
11.6
-1
18
0
0.960
1.0
NA
-2
17
0
0.960
1.6
NA
-3
16
0
0.960
2.4
NA
-4
15
0
0.960
3.3
NA
0
26
-1
1.165
NA
1.1
0
25
-2
1.165
NA
1.3
0
24
-3
1.165
NA
1.8
0
23
-4
1.165
NA
2.2
0
22
-5
1.165
NA
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com