Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS280DF810 Datasheet HTML 2Page - Texas Instruments DS280DF810 Datasheet HTML 3Page - Texas Instruments DS280DF810 Datasheet HTML 4Page - Texas Instruments DS280DF810 Datasheet HTML 5Page - Texas Instruments DS280DF810 Datasheet HTML 6Page - Texas Instruments DS280DF810 Datasheet HTML 7Page - Texas Instruments DS280DF810 Datasheet HTML 8Page - Texas Instruments DS280DF810 Datasheet HTML 9Page - Texas Instruments DS280DF810 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
INTERNAL
PULL-UP/
PULL-DOWN
DESCRIPTION
NAME
NO.
SMBUS MASTER MODE PINS
READ_EN_N
F13
Input, 3.3 V
LVCMOS
Weak pull-up
SMBus Master Mode (EN_SMB=Float): When asserted low,
initiates the SMBus master mode EEPROM read function. Once
EEPROM read is complete (indicated by assertion of
ALL_DONE_N low), this pin can be held low for normal device
operation. This pin is 3.3 V tolerant.
SMBus Slave Mode (EN_SMB=1): When asserted low, this causes
the device to be held in reset (I2C state machine reset and register
reset). This pin should be pulled high or left floating for normal
operation in SMBus Slave Mode. This pin is 3.3 V tolerant.
ALL_DONE_N
D3
Output,
LVCMOS
None
Indicates the completion of a valid EEPROM register load operation
when in SMBus Master Mode (EN_SMB=Float):
High = External EEPROM load failed or incomplete
Low = External EEPROM load successful and complete
When in SMBus slave mode (EN_SMB=1), this output reflects the
status of READ_EN_N input..
MISCELLANEOUS PINS
INT_N
F3
Output,
LVCMOS,
Open-Drain
None
Open-drain 3.3 V tolerant active-low interrupt output. It pulls low
when an interrupt occurs. The events which trigger an interrupt are
programmable through SMBus registers. This pin can be
connected in a wired-OR fashion with other device's interrupt pin. A
single pull-up resistor in the 2 k
Ω to 5 kΩ range is adequate for the
entire INT_N net.
TEST0
E2
Input, LVCMOS
Weak pull-up
Reserved TI test pins. During normal (non-test-mode) operation,
these pins are configured as inputs and therefore they are not
affected by the presence of a signal. These pins may be left
floating, tied to GND, or connected to a 2.5-V (max) output.
TEST1
E14
Input, LVCMOS
Weak pull-up
TEST4
F4
Input, LVCMOS
Weak pull-up
Reserved TI test pin. During normal (non-test-mode) operation, this
pin is configured as an input and therefore is not affected by the
presence of a signal. This pin should be tied to GND or left floating.
TEST5
E4
Input, LVCMOS
Weak pull-up
Reserved TI test pin. During normal (non-test-mode) operation, this
pin is configured as an input and therefore is not affected by the
presence of a signal. This pin may be left floating, tied to GND, or
connected to a 2.5 V (max) output.
TEST6
D4
Input, LVCMOS
Weak pull-up
TEST7
D12
Input, LVCMOS
Weak pull-up
POWER
VDD
D6, D8, D10,
E5, E6, E7, E8,
E9, E10, F6,
F8, F10
Power
None
Power supply, VDD = 2.5 V ±5%. TI recommends connecting at
least six de-coupling capacitors between the Retimer’s VDD plane
and GND as close to the Retimer as possible. For example, four
0.1 μF capacitors and two 1 μF capacitors directly beneath the
device or as close to the VDD pins as possible.
The VDD pins on this device should be connected through a low-
resistance path to the board VDD plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com