Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DS280DF810 Datasheet HTML 24Page - Texas Instruments DS280DF810 Datasheet HTML 25Page - Texas Instruments DS280DF810 Datasheet HTML 26Page - Texas Instruments DS280DF810 Datasheet HTML 27Page - Texas Instruments DS280DF810 Datasheet HTML 28Page - Texas Instruments DS280DF810 Datasheet HTML 29Page - Texas Instruments DS280DF810 Datasheet HTML 30Page - Texas Instruments DS280DF810 Datasheet HTML 31Page - Texas Instruments DS280DF810 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
28
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
The EOM operates as an under-sampled circuit. This allows the EOM to be useful in identifying over
equalization, ringing and other gross signal conditioning issues. However, the EOM cannot be correlated to a bit
error rate.
The EOM can be accessed in two ways to read out the entire eye plot:
•
Multi-byte reads can be used such that data is repeatedly latched out from channel register 0x25.
•
With single byte reads, the MSB are located in register 0x25 and the LSB are located in register 0x26. In this
mode, the device must be addressed each time a new byte is read.
To perform a full eye capture with the EOM, follow these steps below within the desired channel register set:
Table 4. Eye Opening Monitor Full Eye Capture Instructions
STEP
REGISTER [bits]
OPERATION
VALUE
DESCRIPTION
1
0x67[5]
Write
0
Disable lock EOM lock monitoring
2
0x2C[6]
Write
0
Set the desired EOM vertical range
0x11[7:6]
Write
2'b--
3
0x11[5]
Write
0
Power on the EOM
4
0x24[7]
Write
1
Enable fast EOM
5
0x24[0]
0x25
0x26
Read
1
Begin read out of the 64 x 64 array, discard first 4 words
Ch reg 0x24[0] is self-clearing.
0x25 is the MSB of the 16-bit word
0x26 is the LSB of the 16-bit word
6
0x25
Read
Continue reading information until the 64 x 64 array is
complete.
0x26
7
0x67[5]
Write
1
Return the EOM to its original state. Undo steps 1-4
0x2C[6]
Write
1
0x11[5]
Write
1
0x24[7]
Write
0
8.3.2.4 Interrupt Signals
The DS280DF810 can be configured to report different events as interrupt signals. These interrupt signals do not
impact the operation of the device, but merely report that the selected event has occurred. The interrupt bits in
the register sets are all sticky bits. This means that when an event triggers an interrupt the status bit for that
interrupt is set to logic HIGH. This interrupt status bit will remain at logic HIGH until the bit has been read. Once
the bit has been read it will be automatically cleared, which allows for new interrupts to be detected. The
DS280DF810 will report the occurrence of an interrupt through the INT_N pin. The INT_N pin is an open drain
output that will pull the line low when an interrupt signal is triggered.
Note that all available interrupts are disabled by default. Users must activate the various interrupts before they
can be used.
The interrupts available in the DS280DF810 are:
•
CDR loss of lock
•
CDR locked
•
Signal detect loss
•
Signal detected
•
PRBS pattern checker bit error detected
•
HEO/VEO threshold violation
When an interrupt occurs, share register 0x08 reports which channel generated the interrupt request. Users can
then select the channels that generated the interrupt request and service the interrupt by reading the appropriate
interrupt status bits in the corresponding channel registers. For more information on reading interrupt status, refer
to the DS280DF810 Programming Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com