Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DS280DF810 Datasheet HTML 43Page - Texas Instruments DS280DF810 Datasheet HTML 44Page - Texas Instruments DS280DF810 Datasheet HTML 45Page - Texas Instruments DS280DF810 Datasheet HTML 46Page - Texas Instruments DS280DF810 Datasheet HTML 47Page - Texas Instruments DS280DF810 Datasheet HTML 48Page - Texas Instruments DS280DF810 Datasheet HTML 49Page - Texas Instruments DS280DF810 Datasheet HTML 50Page - Texas Instruments DS280DF810 Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.51 MAX
TYP
0.405
0.325
6.4
TYP
11.2 TYP
0.8 TYP
0.8 TYP
135X 0.51
0.41
(0.58)
B
13.2
12.9
A
8.2
7.9
(0.9) TYP
(0.8) TYP
(11)
(6)
(0.5)
2X (2.8)
2X (1)
2X (2.6)
FCBGA - 2.51 mm max height
ABV0135A
BALL GRID ARRAY
4221740/B 02/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.2 C
0.2
C A
B
0.08
C
SYMM
SYMM
BALL A1 CORNER
J
C
D
E
F
G
H
1 2
3 4
15
5 6 7 8 9 10
A
B
11 12 13 14
SCALE 1.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com