Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS280DF810 Datasheet HTML 5Page - Texas Instruments DS280DF810 Datasheet HTML 6Page - Texas Instruments DS280DF810 Datasheet HTML 7Page - Texas Instruments DS280DF810 Datasheet HTML 8Page - Texas Instruments DS280DF810 Datasheet HTML 9Page - Texas Instruments DS280DF810 Datasheet HTML 10Page - Texas Instruments DS280DF810 Datasheet HTML 11Page - Texas Instruments DS280DF810 Datasheet HTML 12Page - Texas Instruments DS280DF810 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
From low assertion of READ_EN_N to low assertion of ALL_DONE_N. Does not include Power-On Reset time.
(2)
To ensure optimal performance, it is recommended to not enable more than two PRBS blocks (checker or generator) per channel quad.
tEEPROM
EEPROM configuration load time
Single device reading its
configuration from an EEPROM.
Common channel configuration. This
time scales with the number of
devices reading from the same
EEPROM.
15(1)
ms
tEEPROM
EEPROM configuration load time
Single device reading its
configuration from an EEPROM.
Unique channel configuration. This
time scales with the number of
devices reading from the same
EEPROM.
40(1)
ms
tPOR
Power-on reset assertion time
Internal power-on reset (PoR)
stretch between stable power supply
and de-assertion of internal PoR.
The SMBus address is latched on
the completion of the PoR stretch,
and SMBus accesses are permitted.
50
ms
POWER SUPPLY
Wchannel
Power consumption per active
channel
With CTLE, full DFE, Tx FIR,
Driver, and Cross-point enabled. Idle
power consumption is not included.
241
305
mW
With CTLE, full DFE, Tx FIR, and
Driver enabled; Cross-point
disabled. Idle power consumption is
not included.
233
mW
With CTLE, partial DFE (taps 1-2
only), Tx FIR, and Driver enabled;
Cross-point and DFE taps 3-5
disabled. Idle power consumption is
not included.
220
mW
With CTLE, Tx FIR, Driver, and
Cross-point enabled; DFE disabled.
Idle power consumption is not
included.
211
290
mW
Assuming CDR acquiring lock with
CTLE, full DFE, Tx FIR, Driver, and
Cross-point enabled. Idle power
consumption is not included.
365
430
mW
Assuming CDR acquiring lock with
CTLE, Tx FIR, Driver, and Cross-
point enabled; DFE disabled. Idle
power consumption is not included.
318
393
mW
PRBS checker power consumption
only(2)
220
302
mW
PRBS generator power power
consumption only(2)
230
315
mW
Wstatic_total
Total idle power consumption
Idle or static mode, power supplied,
no high-speed data present at
inputs, all channels automatically
powered down.
658
1050
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com