Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS280DF810 Datasheet HTML 3Page - Texas Instruments DS280DF810 Datasheet HTML 4Page - Texas Instruments DS280DF810 Datasheet HTML 5Page - Texas Instruments DS280DF810 Datasheet HTML 6Page - Texas Instruments DS280DF810 Datasheet HTML 7Page - Texas Instruments DS280DF810 Datasheet HTML 8Page - Texas Instruments DS280DF810 Datasheet HTML 9Page - Texas Instruments DS280DF810 Datasheet HTML 10Page - Texas Instruments DS280DF810 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
INTERNAL
PULL-UP/
PULL-DOWN
DESCRIPTION
NAME
NO.
GND
A1, A2, A4, A6,
A8, A10, A12,
A14, A15, B2,
B4, B6, B8,
B10, B12, B14,
C2, C3, C4, C5,
C6, C7, C8, C9,
C10, C11, C12,
C13, C14, D1,
D2, D5, D7, D9,
D11, D14, D15,
E11, F1, F2,
F5, F7, F9, F11,
F14, F15, G2,
G3, G4, G5,
G6, G7, G8,
G9, G10, G11,
G12, G13, G14,
H2, H4, H6, H8,
H10, H12, H14,
J1, J2, J4, J6,
J8, J10, J12,
J14, J15
Power
None
Ground reference. The GND pins on this device should be
connected through a low-resistance path to the board GND plane.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
VDDABSMAX
Supply voltage (VDD)
-0.5
2.75
V
VIO2.5V,ABSMAX
2.5 V I/O voltage (LVCMOS, CMOS and Analog)
-0.5
2.75
V
VIO3.3V,ABSMAX
Open Drain Voltage (SDA, SDC, INT_N) and LVCMOS Input Voltage (READ_EN_N)
-0.5
4.0
V
VINABSMAX
Signal input voltage (RXnP, RXnN)
-0.5
2.75
V
VOUTABSMAX
Signal output voltage (TXnP, TXnN)
-0.5
2.75
V
TJABSMAX
Junction temperature
150
ºC
Tstg
Storage temperature
-40
150
ºC
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2,000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±1,000 V may actually have higher performance.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2,000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1,000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com