Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810ABVT Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 23Page - Texas Instruments DS280DF810ABVT Datasheet HTML 24Page - Texas Instruments DS280DF810ABVT Datasheet HTML 25Page - Texas Instruments DS280DF810ABVT Datasheet HTML 26Page - Texas Instruments DS280DF810ABVT Datasheet HTML 27Page - Texas Instruments DS280DF810ABVT Datasheet HTML 28Page - Texas Instruments DS280DF810ABVT Datasheet HTML 29Page - Texas Instruments DS280DF810ABVT Datasheet HTML 30Page - Texas Instruments DS280DF810ABVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
63
63
63
0
64
127
4032
4095
Phase Position
27
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
A full eye diagram capture can be performed when the CDR is locked. The eye diagram is constructed within a
64 x 64 array, where each cell in the matrix consists of an 16-bit word representing the total number of hits
recorded at that particular phase and voltage offset. Users can manually adjust the vertical scaling of the EOM or
allow the state machine to control the scaling which is the default option. The horizontal scaling controlled by the
state machine and is always directly proportional to the data rate.
When a full eye diagram plot is captured, the retimer will shift out four 16-bit words of junk data that should be
discarded followed by 4096 16-bit words that make up the 64 × 64 eye plot. The first actual word of the eye plot
from the retimer is for (X, Y) position (0,0), which is the earliest position in time and the most negative position in
voltage. Each time the eye plot data is read out the voltage position is incremented. Once the voltage position
has incremented to position 63 (the most positive voltage), the next read will cause the voltage position to reset
to 0 (the most negative voltage) and the phase position to increment. This process will continue until the entire
64 × 64 matrix is read out. Figure 14 below shows the EOM read out sequence overlaid on top of a simple eye
opening plot. In this plot any hits are shown in green. This type of plot is helpful for quickly visualizing the HEO
and VEO. Users can apply different algorithms to the output data to plot density or color gradients to the output
data.
Figure 14. EOM Full Eye Capture Readout
To manually control the EOM vertical range, remove scaling control from the state machine then select the
desired range:
Channel Reg 0x2C[6]
→ 0 (see Table 3).
Table 3. Eye Opening Monitor Vertical Range Settings
CH REG 0x11[7:6] VALUE
EOM VERTICAL RANGE [mV]
2’b00
±100
2'b01
±200
2'b10
±300
2'b11
±400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com