Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810ABVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS280DF810ABVT Datasheet HTML 7Page - Texas Instruments DS280DF810ABVT Datasheet HTML 8Page - Texas Instruments DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments DS280DF810ABVT Datasheet HTML 10Page - Texas Instruments DS280DF810ABVT Datasheet HTML 11Page - Texas Instruments DS280DF810ABVT Datasheet HTML 12Page - Texas Instruments DS280DF810ABVT Datasheet HTML 13Page - Texas Instruments DS280DF810ABVT Datasheet HTML 14Page - Texas Instruments DS280DF810ABVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSDAT
AC signal detect assert (ON)
threshold level
Minimum input peak-to-peak
amplitude level at device pins
required to assert signal detect.
25.78125 Gbps with PRBS7 pattern
and 20 dB loss channel
196
mVppd
VSDDT
AC signal detect de-assert (OFF)
threshold level
Maximum input peak-to-peak
amplitude level at device pins which
causes signal detect to de-assert.
25.78125 Gbps with PRBS7 pattern
and 20 dB loss channel
147
mVppd
TRANSMITTER OUTPUTS (TXnP, TXnN)
VOD
Output differential voltage amplitude
Measured with c(0)=7 setting
(Reg_0x3D[6:0]=0x07,
Reg_0x3E[6:0]=0x40,
REG_0x3F[6:0]=0x40). Differential
measurement using an 8T pattern
(eight 1 s followed by eight 0 s) at
25.78125 Gbps with TXPn and
TXNn terminated by 50
Ω to GND.
525
mVppd
VOD
Output differential voltage amplitude
Measured with c(0)=31 setting
(Reg_0x3D[6:0]=0x1F,
Reg_0x3E[6:0]=0x40,
REG_0x3F[6:0]=0x40). Differential
measurement using an 8T pattern
(eight 1 s followed by eight 0 s) at
25.78125 Gbps with TXPn and
TXNn terminated by 50
Ω to GND.
1225
mVppd
VODidle
Differential output amplitude with TX
disabled
< 11
mVppd
VODres
Output VOD resolution
Difference in VOD between two
adjacent c(0) settings. Applies to
VOD in the 525 mVppd to 1225
mVppd range [c(0)>4].
< 50
mVppd
Vcm-TX-AC
Common-mode AC output noise
With respect to signal ground.
Measured with PRBS9 data pattern.
Measured with a 33 GHz (-3 dB)
low-pass filter.
6.5
mV, RMS
tr, tf
Output transition time
20%-to-80% rise time and 80%-to-
20% fall time on a clock-like {11111
00000} data pattern at 25.78125
Gbps. Measured for ~800 mVppd
output amplitude and no
equalization: Reg_0x3D=+13,
Reg_0x3E=0, REG_0x3F=0
17
ps
RLSDD22
Differential output return loss,
SDD22
Between 50 MHz and 5 GHz
<-12
dB
RLSDD22
Differential output return loss,
SDD22
Between 5 GHz and 12.9 GHz
<-9
dB
RLSCD22
Common-mode to differential output
return loss, SCD22
Between 50 MHz and 12.9 GHz
<-22
dB
RLSDC22
Differential-to-common-mode output
return loss, SDC22
Between 50 MHz and 12.9 GHz
<-22
dB
RLSCC22
Common-mode output return loss,
SCC22
Between 50 MHz and 10 GHz
<-9
dB
RLSCC22
Common-mode output return loss,
SCC22
Between 10 GHz and 12.9 GHz
<-9
dB
SMBus ELECTRICAL CHARACTERISTICS (SLAVE MODE)
VIH
Input high level voltage
SDA and SDC
1.75
3.6
V
VIL
Input low level voltage
SDA and SDC
GND
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com