Electronic Components Datasheet Search
  English  ▼

X  

DS280DF810ABVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVT
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVT Datasheet(HTML) 5 Page - Texas Instruments

  DS280DF810ABVT Datasheet HTML 1Page - Texas Instruments DS280DF810ABVT Datasheet HTML 2Page - Texas Instruments DS280DF810ABVT Datasheet HTML 3Page - Texas Instruments DS280DF810ABVT Datasheet HTML 4Page - Texas Instruments DS280DF810ABVT Datasheet HTML 5Page - Texas Instruments DS280DF810ABVT Datasheet HTML 6Page - Texas Instruments DS280DF810ABVT Datasheet HTML 7Page - Texas Instruments DS280DF810ABVT Datasheet HTML 8Page - Texas Instruments DS280DF810ABVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
DS280DF810
www.ti.com
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
INTERNAL
PULL-UP/
PULL-DOWN
DESCRIPTION
NAME
NO.
TX1P
H13
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX1N
J13
Output
None
TX2P
H11
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX2N
J11
Output
None
TX3P
H9
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX3N
J9
Output
None
TX4P
H7
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX4N
J7
Output
None
TX5P
H5
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX5N
J5
Output
None
TX6P
H3
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX6N
J3
Output
None
TX7P
G1
Output
None
Inverting and non-inverting 50
Ω driver outputs. These outputs are
AC coupled on-chip with physical 220 nF capacitors.
TX7N
H1
Output
None
CALIBRATION CLOCK PINS
CAL_CLK_IN
E1
Input, 2.5 V
CMOS
Weak pull-down
25 MHz (±100 PPM) 2.5 V single-ended clock from external
oscillator. No stringent phase noise or jitter requirements on this
clock. Used to calibrate VCO frequency range. This clock is not
used to recover data.
CAL_CLK_OUT E15
Output, 2.5 V
CMOS
None
2.5 V buffered replica of calibration clock input (pin E1) for
connecting multiple devices in a daisy-chained fashion.
SYSTEM MANAGEMENT BUS (SMBUS) PINS
ADDR0
D13
Input, 4-level
None
4-level strap pins used to set the SMBus address of the device.
The pin state is read on power-up. The multi-level nature of these
pins allows for 16 unique device addresses. The four strap options
include:
0: 1 k
Ω to GND
R: 10 k
Ω to GND
F: Float
1: 1 k
Ω to VDD
Refer to Device SMBus Address for more information.
ADDR1
E13
Input, 4-level
None
EN_SMB
E3
Input, 4-level
None
Four-level 2.5 V input used to select between SMBus master mode
(float) and SMBus slave mode (high). The four defined levels are:
0: 1 k
Ω to GND - RESERVED, TI test mode.
R: 10 k
Ω to GND - RESERVED, TI test mode
F: Float - SMBus Master Mode
1: 1 k
Ω to VDD - SMBus Slave Mode
SDA
E12
I/O, 3.3 V
LVCMOS, Open
Drain
None
SMBus data input and open drain output. External 2 k
Ω to 5 kΩ
pull-up resistor is required as per SMBus interface standard. This
pin is 3.3 V LVCMOS tolerant.
SDC
F12
I/O, 3.3 V
LVCMOS, Open
Drain
None
SMBus clock input and open drain clock output. External 2 k
Ω to 5
k
Ω pull-up resistor is required as per SMBus interface standard.
This pin is 3.3 V LVCMOS tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com