Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 21Page - Texas Instruments ADC3543 Datasheet HTML 22Page - Texas Instruments ADC3543 Datasheet HTML 23Page - Texas Instruments ADC3543 Datasheet HTML 24Page - Texas Instruments ADC3543 Datasheet HTML 25Page - Texas Instruments ADC3543 Datasheet HTML 26Page - Texas Instruments ADC3543 Datasheet HTML 27Page - Texas Instruments ADC3543 Datasheet HTML 28Page - Texas Instruments ADC3543 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
7.3.3.2 External voltage reference (VREF)
For highest accuracy and lowest temperature drift, the VREF input can be directly connected to an external 1.6 V
reference. A 10 uF ceramic bypass capacitor (CVREF) connected between the VREF and REFGND pins and
placed as close to the pins as possible is recommended. The load current from the external reference is about 1
mA.
Note: The internal reference is also used for other functions inside the device, therefore the reference amplifier
should only be powered down in power down state but not during normal operation.
AINP
AINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
Reference
1.6V
Figure 7-15. External 1.6 V reference
7.3.3.3 External voltage reference with internal buffer (REFBUF)
The ADC354x is equipped with an on-chip reference buffer that also includes gain to generate the 1.6V
reference voltage from an external 1.2 V reference. A 10 uF ceramic bypass capacitor (CVREF) between the
VREF and REFGND pins and a TBD ceramic bypass capacitor between the REFBUF and REFGND pins are
recommended. Both capacitors should be placed as close to the pins as possible. The load current from the
external reference is less than 100 uA.
AINP
AINM
VREF
(1.6V)
REFBUF
(1.2V)
REFGND
VREF1.2
VCM
0.95V
x1.33
CVREF
CREFBUF
Reference
1.2V
Figure 7-16. External 1.2 V reference using internal reference buffer
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com