Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 64 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 64 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 60Page - Texas Instruments ADC3543 Datasheet HTML 61Page - Texas Instruments ADC3543 Datasheet HTML 62Page - Texas Instruments ADC3543 Datasheet HTML 63Page - Texas Instruments ADC3543 Datasheet HTML 64Page - Texas Instruments ADC3543 Datasheet HTML 65Page - Texas Instruments ADC3543 Datasheet HTML 66Page - Texas Instruments ADC3543 Datasheet HTML 67Page - Texas Instruments ADC3543 Datasheet HTML 68Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
10 Layout
10.1 Layout Guidelines
There are several critical signals which require specific care during board design:
1. Analog input and clock signals
• Traces should be as short as possible and vias should be avoided where possible to minimize impedance
discontinuities.
• Traces should be routed using loosely coupled 100-Ω differential traces.
• Differential trace lengths should be matched as close as possible to minimize phase imbalance and HD2
degradation.
2. Digital output interface
• A TBD ohm series isolation resistor should be used on each CMOS output and placed close the digital
output. This isolation resistor limits the output current into the capacitive load and thus minimizes the
switching noise inside the ADC. When driving longer distances a buffer should be used. The resistor value
should be optimized for the desired output data rate.
3. Voltage reference
• The bypass capacitor should be placed as close to the device pins as possible and connected between
VREF and REFGND – on top layer avoiding vias.
• Depending on configuration an additional bypass capacitor between REFBUF and REFGND may be
recommended and should also be placed as close to pins as possible on top layer.
4. Power and ground connections
• Provide low resistance connection paths to all power and ground pins.
• Use power and ground planes instead of traces.
• Avoid narrow, isolated paths which increase the connection resistance.
• Use a signal/ground/power circuit board stackup to maximize coupling between the ground and power
plane.
10.2 Layout Example
The following screen shot shows the top layer of the ADC354x EVM.
• Signal and clock inputs are routed as differential signals on the top layer avoiding vias.
• CMOS output interface lanes with isolation resistor and digital buffer.
• Bypass caps are close to the VREF pin on the top layer avoiding vias.
Isolation resistors on CMOS
output pins
Bypass caps on VREF close
to the pins on top layer
Analog inputs on
top layer (no vias)
Clock routing
without vias
Figure 10-1. Layout example: top layer of ADC354x EVM
ADC3541
SBAS840 – JULY 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com