Electronic Components Datasheet Search
  English  ▼

X  

ADC3543 Datasheet(PDF) 33 Page - Texas Instruments

Part # ADC3543
Description  ADC354x 14-bit, 10-MSPS to 65-MSPS, Low-noise, Ultra-low Power ADC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3543 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC3543 Datasheet HTML 29Page - Texas Instruments ADC3543 Datasheet HTML 30Page - Texas Instruments ADC3543 Datasheet HTML 31Page - Texas Instruments ADC3543 Datasheet HTML 32Page - Texas Instruments ADC3543 Datasheet HTML 33Page - Texas Instruments ADC3543 Datasheet HTML 34Page - Texas Instruments ADC3543 Datasheet HTML 35Page - Texas Instruments ADC3543 Datasheet HTML 36Page - Texas Instruments ADC3543 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
D15..0
DCLK
DCLK
SDR
Sample
A0
Sample
A1
D15
(MSB)
D14
D2
D1
D0
D12..5
DCLK
DCLK
DDR CMOS
D12
D11
D7
D6
D5
Sample
A0
Sample
A1
D7
D6
D2
D1
D0
D15
D14
D10
D9
D8
D7
D6
D2
D1
D0
D15
D14
D10
D9
D8
Figure 7-33. Output Data Format in Real Decimation
Table 7-4 illustrates the output interface data rate along with the corresponding DCLK frequency based on real
decimation setting (M).
Furthermore the table shows an actual lane rate example with complex decimation by 4.
Table 7-5. Parallel CMOS Data Rate Examples with Decimation
REAL/COMPLEX
DECIMATION
DECIMATION
SETTING
ADC SAMPLING RATE
SDR/DDR
CMOS
DCLK
DOUT
Real
M
FS
SDR
FS / M
FS / M
DDR
FS x 2 / M
4
65 MHz
SDR
16.25 MHz
16.25 MHz
DDR
32.5 MHz
www.ti.com
ADC3541
SBAS840 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: ADC3541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com